Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 14Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 15Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 16Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 17Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 18Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 19Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 441 page
background image
11/2/95
SECTION 1: OVERVIEW
UM Rev 1
MOTOROLA
MC68340 USER'S MANUAL
xv
TABLE OF CONTENTS (Continued)
Paragraph
Page
Number
Title
Number
8.3.3
Variable Duty-Cycle Square-Wave Generator........................................8-9
8.3.4
Variable-Width Single-Shot Pulse Generator.........................................8-10
8.3.5
Pulse-Width Measurement..........................................................................8-12
8.3.6
Period Measurement....................................................................................8-13
8.3.7
Event Count ...................................................................................................8-14
8.3.8
Timer Bypass.................................................................................................8-16
8.3.9
Bus Operation................................................................................................8-17
8.3.9.1
Read Cycles...............................................................................................8-17
8.3.9.2
Write Cycles...............................................................................................8-17
8.3.9.3
Interrupt Acknowledge Cycles................................................................8-17
8.4
Register Description.........................................................................................8-17
8.4.1
Module Configuration Register (MCR)......................................................8-18
8.4.2
Interrupt Register (IR) ...................................................................................8-20
8.4.3
Control Register (CR)...................................................................................8-20
8.4.4
Status Register (SR).....................................................................................8-23
8.4.5
Counter Register (CNTR) ............................................................................8-25
8.4.6
Preload 1 Register (PREL1)........................................................................8-25
8.4.7
Preload 2 Register (PREL2)........................................................................8-26
8.4.8
Compare Register (COM)............................................................................8-26
8.5
Timer Module Initialization Sequence..........................................................8-27
8.5.1
Timer Module Configuration.......................................................................8-27
8.5.2
Timer Module Example Configuration Code ...........................................8-28
Section 9
IEEE 1149.1 Test Access Port
9.1
Overview.............................................................................................................9-1
9.2
TAP Controller...................................................................................................9-2
9.3
Boundary Scan Register .................................................................................9-3
9.4
Instruction Register...........................................................................................9-9
9.4.1
EXTEST (000) ...............................................................................................9-10
9.4.2
SAMPLE/PRELOAD (001) ..........................................................................9-10
9.4.3
BYPASS (X1X, 101).....................................................................................9-11
9.4.4
HI-Z (100) .......................................................................................................9-11
9.5
MC68340 Restrictions......................................................................................9-11
9.6
Non-IEEE 1149.1 Operation...........................................................................9-12
Section 10
Applications
10.1
Minimum System Configuration...................................................................10-1
10.1.1
Processor Clock Circuitry ..........................................................................10-1
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com