Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 66 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 66 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 62Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 63Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 64Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 65Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 66Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 67Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 68Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 69Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 70Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 441 page
background image
MOTOROLA
MC68340 USER’S MANUAL
3- 17
State 0—The read cycle starts in state 0 (S0). During S0, the MC68340 places a valid
address on A31–A0 and valid function codes on FC3–FC0. The function codes select the
address space for the cycle. The MC68340 drives R/
W high for a read cycle. SIZ1/SIZ0
become valid, indicating the number of bytes requested for transfer.
State 1—One-half clock later, in state 1 (S1), the MC68340 asserts
AS indicating a valid
address on the address bus. The MC68340 also asserts
DS during S1. The selected
device uses R/
W, SIZ1 or SIZ0, A0, and DS to place its information on the data bus. One
or both of the bytes (D15–D8 and D7–D0) are selected by SIZ1/SIZ0 and A0.
State 2—As long as at least one of the
DSACK
≈ signals is recognized on the falling edge
of S2 (meeting the asynchronous input setup time requirement), data is latched on the
falling edge of S4, and the cycle terminates.
State 3—If
DSACK
≈ is not recognized by the start of state 3 (S3), the MC68340 inserts
wait states instead of proceeding to states 4 and 5. To ensure that wait states are
inserted, both
DSACK1 and DSACK0 must remain negated throughout the asynchronous
input setup and hold times around the end of S2. If wait states are added, the MC68340
continues to sample
DSACK
≈ on the falling edges of the clock until one is recognized.
State 4—At the falling edge of state 4 (S4), the MC68340 latches the incoming data and
samples
DSACK
≈ to get the port size.
State 5—The MC68340 negates
AS and DS during state 5 (S5). It holds the address valid
during S5 to provide address hold time for memory systems. R/
W, SIZ1 and SIZ0, and
FC3–FC0 also remain valid throughout S5. The external device keeps its data and
DSACK
≈ signals asserted until it detects the negation of AS or DS (whichever it detects
first). The device must remove its data and negate
DSACK
≈ within approximately one
clock period after sensing the negation of
AS or DS. DSACK
≈ signals that remain
asserted beyond this limit may be prematurely detected for the next bus cycle.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com