Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 40 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 40 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 36Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 37Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 38Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 39Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 40Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 41Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 42Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 43Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 44Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 441 page
background image
2- 6
MC68340 USER’S MANUAL
MOTOROLA
Port B4, B2, B1,
AVEC
This signal group functions as three bits of parallel I/O and the autovector input.
AVEC
requests an automatic vector during an interrupt acknowledge cycle.
2.6 INTERRUPT REQUEST LEVEL
(IRQ7, IRQ6, IRQ5, IRQ3)
These pins can be programmed to be either prioritized interrupt request lines or port B
parallel I/O.
IRQ7, IRQ6,
IRQ5, IRQ3
IRQ7, the highest priority, is nonmaskable. IRQ6–IRQ1 are internally maskable
interrupts. Refer to Section 5 CPU32 for more information on interrupt request lines.
Port B7, B6, B5, B3
These pins can be used as port B parallel I/O. Refer to Section 4 System Integration
Module for more information on parallel I/O signals.
2.7 BUS CONTROL SIGNALS
These signals control the bus transfer operations of the MC68340. Refer to Section 3
Bus Operation for more information on these signals.
2.7.1 Data and Size Acknowledge (
DSACK1, DSACK0)
These two active-low input signals allow asynchronous data transfers and dynamic data
bus sizing between the MC68340 and external devices as listed in Table 2-3. During bus
cycles, external devices assert
DSACK1 and/or DSACK0 as part of the bus protocol.
During a read cycle, this signals the MC68340 to terminate the bus cycle and to latch the
data. During a write cycle, this indicates that the external device has successfully stored
the data and that the cycle may terminate.
Table 2-3.
DSACK
≈ Encoding
DSACK
1
DSACK
0
Result
1
1
Insert Wait States in Current Bus Cycle
1
0
Complete Cycle—Data Bus Port Size Is 8 Bits
0
1
Complete Cycle—Data Bus Port Size Is 16 Bits
0
0
Reserved—Defaults to 16-Bit Port Size Can Be
Used for 32-Bit DMA Cycles
2.7.2 Address Strobe (
AS)
AS is an output timing signal that indicates the validity of both an address on the address
bus and many control signals.
AS is asserted approximately one-half clock cycle after the
beginning of a bus cycle.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com