Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 14Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 15Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 16Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 17Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 18Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 441 page
background image
11/2/95
SECTION 1: OVERVIEW
UM Rev.1.0
xiv
MC68340 USER'S MANUAL
MOTOROLA
TABLE OF CONTENTS (Continued)
Paragraph
Page
Number
Title
Number
7.4.1.2
Interrupt Level Register (ILR)..................................................................7-21
7.4.1.3
Interrupt Vector Register (IVR) ................................................................7-21
7.4.1.4
Mode Register 1 (MR1)............................................................................7-22
7.4.1.5
Status Register (SR).................................................................................7-24
7.4.1.6
Clock-Select Register (CSR)..................................................................7-26
7.4.1.7
Command Register (CR) .........................................................................7-27
7.4.1.8
Receiver Buffer (RB).................................................................................7-30
7.4.1.9
Transmitter Buffer (TB).............................................................................7-30
7.4.1.10
Input Port Change Register (IPCR)........................................................7-31
7.4.1.11
Auxiliary Control Register (ACR)............................................................7-32
7.4.1.12
Interrupt Status Register (ISR)................................................................7-32
7.4.1.13
Interrupt Enable Register (IER)...............................................................7-34
7.4.1.14
Input Port (IP).............................................................................................7-35
7.4.1.15
Output Port Control Register (OPCR)....................................................7-35
7.4.1.16
Output Port Data Register (OP) ..............................................................7-37
7.4.1.17
Mode Register 2 (MR2)............................................................................7-37
7.4.2
Programming.................................................................................................7-40
7.4.2.1
Serial Module Initialization .....................................................................7-40
7.4.2.2
I/O Driver Example....................................................................................7-40
7.4.2.3
Interrupt Handling.....................................................................................7-40
7.5
Serial Module Initialization Sequence .........................................................7-46
7.5.1
Serial Module Configuration ......................................................................7-46
7.5.2
Serial Module Example Configuration Code ..........................................7-47
Section 8
Timer Modules
8.1
Module Overview..............................................................................................8-1
8.1.1
Timer and Counter Functions.....................................................................8-2
8.1.1.1
Prescaler and Counter.............................................................................8-2
8.1.1.2
Timeout Detection.....................................................................................8-2
8.1.1.3
Comparator................................................................................................8-2
8.1.1.4
Clock Selection Logic..............................................................................8-3
8.1.2
Internal Control Logic...................................................................................8-3
8.1.3
Interrupt Control Logic .................................................................................8-4
8.2
Timer Modules Signal Definitions .................................................................8-4
8.2.1
Timer Input (TIN1, TIN2) ..............................................................................8-5
8.2.2
Timer Gate (TGATE1, TGATE2)................................................................8-6
8.2.3
Timer Output (TOUT1, TOUT2)...................................................................8-6
8.3
Operating Modes ..............................................................................................8-6
8.3.1
Input Capture/Output Compare..................................................................8-6
8.3.2
Square-Wave Generator.............................................................................8-8
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com