Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 46 Page - Freescale Semiconductor, Inc

Part # MC68340
Description  Integrated Processor with DMA User?셲 Manual
PDF  441 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68340 Datasheet(HTML) 46 Page - Freescale Semiconductor, Inc

Back Button MC68340 Datasheet HTML 42Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 43Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 44Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 45Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 46Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 47Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 48Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 49Page - Freescale Semiconductor, Inc MC68340 Datasheet HTML 50Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 441 page
background image
2- 12
MC68340 USER’S MANUAL
MOTOROLA
T
≈RDYA
When used for this function, this signal reflects the complement of the status of bit 2 of
the channel A status register. This signal can be used to control parallel data flow by
acting as an interrupt to indicate when the transmitter contains a character.
OP6
When used for this function, this output is controlled by bit 6 in the output port data
registers.
2.13.8 Receiver Ready
(R
≈RDYA)
This active-low output signal can be programmed as the channel A receiver ready,
channel A FIFO full indicator, or a dedicated parallel output.
R
≈RDYA
When used for this function, this signal reflects the complement of the status of bit 1 of
the interrupt status register. This signal can be used to control parallel data flow by
acting as an interrupt to indicate when the receiver contains a character.
FFULLA
When used for this function, this signal reflects the complement of the status of bit 1 of
the interrupt status register. This signal can be used to control parallel data flow by
acting as an interrupt to indicate when the receiver FIFO is full.
OP4
When used for this function, this output is controlled by bit 4 in the output port data
registers.
2.14 TIMER SIGNALS
The following external signals are used by the timer modules. See Section 8 Timer
Modules for additional information on these signals.
2.14.1 Timer Gate (
TGATE2, TGATE1)
These active-low inputs can be programmed to enable and disable the counters and
prescalers.
TGATE
≈ can also be programmed as a simple input.
2.14.2 Timer Input (TIN2, TIN1)
These inputs can be programmed as clocks that cause events to occur in the counters
and prescalers.
2.14.3 Timer Output (TOUT2, TOUT1)
These outputs drive the various output waveforms generated by the timers.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com