Electronic Components Datasheet Search
  English  ▼

X  

ADV7281 Datasheet(PDF) 4 Page - Analog Devices

Part # ADV7281
Description  10-Bit, 4 Oversampled SDTV Video Decoder with Differential Inputs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7281 Datasheet(HTML) 4 Page - Analog Devices

  ADV7281 Datasheet HTML 1Page - Analog Devices ADV7281 Datasheet HTML 2Page - Analog Devices ADV7281 Datasheet HTML 3Page - Analog Devices ADV7281 Datasheet HTML 4Page - Analog Devices ADV7281 Datasheet HTML 5Page - Analog Devices ADV7281 Datasheet HTML 6Page - Analog Devices ADV7281 Datasheet HTML 7Page - Analog Devices ADV7281 Datasheet HTML 8Page - Analog Devices ADV7281 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
ADV7281
Data Sheet
Rev. A | Page 4 of 32
SPECIFICATIONS
ELECTRICAL SPECIFICATIONS
AVDD, DVDD, PVDD, and MVDD = 1.71 V to 1.89 V, DVDDIO = 2.97 V to 3.63 V, specified at operating temperature range, unless otherwise noted.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
STATIC PERFORMANCE
ADC Resolution
N
10
Bits
Integral Nonlinearity
INL
CVBS mode
2
LSB
Differential Nonlinearity
DNL
CVBS mode
±0.6
LSB
DIGITAL INPUTS
Input High Voltage
VIH
DVDDIO = 3.3 V
2
V
DVDDIO = 1.8 V, ADV7281 only
1.2
V
Input Low Voltage
VIL
DVDDIO = 3.3 V
0.8
V
DVDDIO = 1.8 V, ADV7281 only
0.4
V
Input Leakage Current
IIN
RESET pin
−10
+10
µA
SDATA, SCLK pins
−10
+15
µA
PWRDWN, ALSB pins
−10
+50
µA
Input Capacitance
CIN
10
pF
CRYSTAL INPUT
Input High Voltage
VIH
XTALN pin
1.2
V
Input Low Voltage
VIL
XTALN pin
0.4
V
DIGITAL OUTPUTS
Output High Voltage
VOH
DVDDIO = 3.3 V, ISOURCE = 0.4 mA
2.4
V
DVDDIO = 1.8 V, ISOURCE = 0.4 mA,
ADV7281 only
1.4
V
Output Low Voltage
VOL
DVDDIO = 3.3 V, ISINK = 3.2 mA
0.4
V
DVDDIO = 1.8 V, ISINK = 1.6 mA,
ADV7281 only
0.2
V
High Impedance Leakage Current
ILEAK
10
µA
Output Capacitance
COUT
20
pF
POWER REQUIREMENTS1, 2
Digital I/O Power Supply
DVDDIO
ADV7281-M/ADV7281-MA
2.97
3.3
3.63
V
ADV7281
1.62
3.3
3.63
V
PLL Power Supply
PVDD
1.71
1.8
1.89
V
Analog Power Supply
AVDD
1.71
1.8
1.89
V
Digital Power Supply
DVDD
1.71
1.8
1.89
V
MIPI Tx Power Supply
MVDD
ADV7281-M/ADV7281-MA only
1.71
1.8
1.89
V
Digital I/O Supply Current
IDVDDIO
ADV7281-M/ADV7281-MA
1.5
mA
ADV7281
5
mA
PLL Supply Current
IPVDD
12
mA
MIPI Tx Supply Current
IMVDD
ADV7281-M/ADV7281-MA only
14
mA
Analog Supply Current
IAVDD
Single-Ended CVBS Input
35
mA
Differential CVBS Input
Fully differential and pseudo
differential CVBS
69
mA
Y/C Input
60
mA
YPrPb Input
75
mA
Digital Supply Current
IDVDD
Single-Ended CVBS Input
60
mA
Differential CVBS Input
Fully differential and pseudo
differential CVBS
60
mA
Y/C Input
60
mA
YPrPb Input
60
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com