Electronic Components Datasheet Search
  English  ▼

X  

ADV7281 Datasheet(PDF) 17 Page - Analog Devices

Part # ADV7281
Description  10-Bit, 4 Oversampled SDTV Video Decoder with Differential Inputs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7281 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADV7281 Datasheet HTML 13Page - Analog Devices ADV7281 Datasheet HTML 14Page - Analog Devices ADV7281 Datasheet HTML 15Page - Analog Devices ADV7281 Datasheet HTML 16Page - Analog Devices ADV7281 Datasheet HTML 17Page - Analog Devices ADV7281 Datasheet HTML 18Page - Analog Devices ADV7281 Datasheet HTML 19Page - Analog Devices ADV7281 Datasheet HTML 20Page - Analog Devices ADV7281 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
Data Sheet
ADV7281
Rev. A | Page 17 of 32
INPUT NETWORKS
An input network (external resistor and capacitor circuit) is
required on the AINx input pins of the decoder. The components
of the input network depend on the video format selected for
the analog input.
SINGLE-ENDED INPUT NETWORK
Figure 11 shows the input network to use on each AINx input
pin of the ADV7281/ADV7281-M/ADV7281-MA when any
of the following video input formats is used:
•
Single-ended CVBS
•
YC (S-Video)
•
YPrPb
51Ω
AIN3
INPUT
CONNECTOR
VIDEO INPUT
FROM SOURCE
24Ω
100nF
EXT
ESD
Figure 11. Single-Ended Input Network
The 24 Ω and 51 Ω resistors supply the 75 Ω end termination
required for the analog video input. These resistors also create
a resistor divider with a gain of 0.68. The resistor divider attenu-
ates the amplitude of the input analog video and scales the input
to the ADC range of the ADV7281/ADV7281-M/ADV7281-MA.
This allows an input range to the ADV7281/ADV7281-M/
ADV7281-MA of up to 1.47 V p-p. Note that amplifiers within
the ADC restore the amplitude of the input signal so that
signal-to-noise ratio (SNR) performance is maintained.
The 100 nF ac coupling capacitor removes the dc bias of the analog
input video before it is fed into the AINx pin of the ADV7281/
ADV7281-M/ADV7281-MA. The clamping circuitry within the
ADV7281/ADV7281-M/ADV7281-MA restores the dc bias
of the input signal to the optimal level before it is fed into the
ADC of the ADV7281/ADV7281-M/ADV7281-MA.
DIFFERENTIAL INPUT NETWORK
Figure 12 shows the input network to use when differential
CVBS video is input on the AINx input pins of the ADV7281/
ADV7281-M/ADV7281-MA.
AIN1
AIN2
INPUT
CONNECTOR
INPUT
CONNECTOR
VIDEO INPUT
FROM SOURCE
EXT
ESD
R1
1.3kΩ
100nF
1.3kΩ
100nF
430Ω
430Ω
Figure 12. Differential Input Network
Fully differential video transmission involves transmitting
two complementary CVBS signals. Pseudo differential video
transmission involves transmitting a CVBS signal and a source
ground signal.
Differential video transmission has several key advantages over
single-ended transmission, including the following:
•
Inherent small signal and large signal noise rejection
•
Improved EMI performance
•
Ability to absorb ground bounce
Resistor R1 provides the RF end termination for the differential
CVBS input lines. For a pseudo differential CVBS input, a value
of 75 Ω is recommended for R1. For a fully differential CVBS
input, a value of 150 Ω is recommended for R1.
The 1.3 kΩ and 430 Ω resistors create a resistor divider with a
gain of 0.25. The resistor divider attenuates the amplitude of the
input analog video, but increases the input common-mode range
of the ADV7281/ADV7281-M/ADV7281-MA to 4 V p-p. Note
that amplifiers within the ADC restore the amplitude of the
input signal so that SNR performance is maintained.
The 100 nF ac coupling capacitor removes the dc bias of the analog
input video before it is fed into the AINx pin of the ADV7281/
ADV7281-M/ADV7281-MA. The clamping circuitry within the
ADV7281/ADV7281-M/ADV7281-MA restores the dc bias of
the input signal to the optimal level before it is fed into the
ADC of the ADV7281/ADV7281-M/ADV7281-MA.
The combination of the 1.3 kΩ and 430 Ω resistors and the
100 nF ac coupling capacitors limits the current flow into the
ADV7281/ADV7281-M/ADV7281-MA during short-to-battery
(STB) events (see the Short-to-Battery Protection section).
To achieve optimal performance, the 1.3 kΩ and 430 Ω resistors
must be closely matched; that is, all 1.3 kΩ and 430 Ω resistors
must have the same resistance tolerance, and this tolerance must
be as low as possible.
SHORT-TO-BATTERY PROTECTION
In differential mode, the ADV7281/ADV7281-M/ADV7281-MA
are protected against short-to-battery (STB) events by ac
coupling capacitors (see Figure 12). The input network resistors
are sized to reduce the current flow during an STB event, thus
preventing damage to the resistors. The R1 resistor is protected
because no current or limited current flows through it during
an STB event.
The ADV7281/ADV7281-M provides two STB diagnostic pins
that can be used to generate an interrupt when an STB event
occurs. For more information, see the Short-to-Battery (STB)
Diagnostics section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com