Electronic Components Datasheet Search
  English  ▼

X  

ADV7281 Datasheet(PDF) 10 Page - Analog Devices

Part # ADV7281
Description  10-Bit, 4 Oversampled SDTV Video Decoder with Differential Inputs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7281 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADV7281 Datasheet HTML 6Page - Analog Devices ADV7281 Datasheet HTML 7Page - Analog Devices ADV7281 Datasheet HTML 8Page - Analog Devices ADV7281 Datasheet HTML 9Page - Analog Devices ADV7281 Datasheet HTML 10Page - Analog Devices ADV7281 Datasheet HTML 11Page - Analog Devices ADV7281 Datasheet HTML 12Page - Analog Devices ADV7281 Datasheet HTML 13Page - Analog Devices ADV7281 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
ADV7281
Data Sheet
Rev. A | Page 10 of 32
ABSOLUTE MAXIMUM RATINGS
Table 7.
Parameter
Rating
AVDD to DGND
2.2 V
DVDD to DGND
2.2 V
PVDD to DGND
2.2 V
MVDD to DGND1
2.2 V
DVDDIO to DGND
4 V
PVDD to DVDD
−0.9 V to +0.9 V
MVDD to DVDD1
−0.9 V to +0.9 V
AVDD to DVDD
−0.9 V to +0.9 V
Digital Inputs Voltage
DGND − 0.3 V to DVDDIO + 0.3 V
Digital Outputs Voltage
DGND − 0.3 V to DVDDIO + 0.3 V
Analog Inputs to Ground
Ground − 0.3 V to AVDD + 0.3 V
Maximum Junction Temperature
(TJ max)
140°C
Storage Temperature Range
−65°C to +150°C
Infrared Reflow Soldering
(20 sec)
260°C
1
MVDD applies to the ADV7281-M and ADV7281-MA only.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
These devices are high performance integrated circuits with
an ESD rating of <2 kV, and they are ESD sensitive. Proper
precautions must be taken for handling and assembly.
THERMAL RESISTANCE
The thermal resistance values in Table 8 are specified for the
device soldered onto a 4-layer printed circuit board (PCB) with
a common ground plane and with the exposed pad of the device
connected to DGND. The values in Table 8 are maximum values.
Table 8. Thermal Resistance for the 32-Lead LFCSP
Thermal Characteristic
Symbol
Value
Unit
Junction-to-Ambient Thermal
Resistance (Still Air)
θJA
32.5
°C/W
Junction-to-Case Thermal
Resistance
θJC
2.3
°C/W
REFLOW SOLDER
The ADV7281/ADV7281-M/ADV7281-MA are Pb-free,
environmentally friendly products. They are manufactured using
the most up-to-date materials and processes. The coating on the
leads of each device is 100% pure Sn electroplate. The devices
are suitable for Pb-free applications and can withstand surface-
mount soldering at up to 255°C (±5°C).
In addition, the ADV7281/ADV7281-M/ADV7281-MA are
backward-compatible with conventional SnPb soldering
processes. This means that the electroplated Sn coating can
be soldered with Sn/Pb solder pastes at conventional reflow
temperatures of 220°C to 235°C.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com