Electronic Components Datasheet Search
  English  ▼

X  

ADV7281 Datasheet(PDF) 5 Page - Analog Devices

Part # ADV7281
Description  10-Bit, 4 Oversampled SDTV Video Decoder with Differential Inputs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7281 Datasheet(HTML) 5 Page - Analog Devices

  ADV7281 Datasheet HTML 1Page - Analog Devices ADV7281 Datasheet HTML 2Page - Analog Devices ADV7281 Datasheet HTML 3Page - Analog Devices ADV7281 Datasheet HTML 4Page - Analog Devices ADV7281 Datasheet HTML 5Page - Analog Devices ADV7281 Datasheet HTML 6Page - Analog Devices ADV7281 Datasheet HTML 7Page - Analog Devices ADV7281 Datasheet HTML 8Page - Analog Devices ADV7281 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
Data Sheet
ADV7281
Rev. A | Page 5 of 32
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
POWER-DOWN CURRENTS1
Digital I/O Supply Power-Down
Current
IDVDDIO_PD
DVDDIO = 3.3 V, ADV7281-M/
ADV7281-MA
73
µA
DVDDIO = 3.3 V, ADV7281
84
µA
PLL Supply Power-Down Current
IPVDD_PD
46
µA
Analog Supply Power-Down Current
IAVDD_PD
0.2
µA
Digital Supply Power-Down Current
IDVDD_PD
420
µA
MIPI Tx Supply Power-Down Current
IMVDD_PD
ADV7281-M and ADV7281-MA only
4.5
µA
Total Power Dissipation
in Power-Down Mode
1
mW
1
Guaranteed by characterization.
2
Typical current consumption values are measured with nominal voltage supply levels and an SMPTE bar test pattern.
VIDEO SPECIFICATIONS
AVDD, DVDD, PVDD, and MVDD = 1.71 V to 1.89 V, DVDDIO = 2.97 V to 3.63 V, specified at operating temperature range, unless otherwise noted.
Specifications guaranteed by characterization.
Table 2.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
NONLINEAR SPECIFICATIONS1
Differential Phase
DP
CVBS input, modulated 5-step
0.9
Degrees
Differential Gain
DG
CVBS input, modulated 5-step
0.5
%
Luma Nonlinearity
LNL
CVBS input, 5-step
2.0
%
NOISE SPECIFICATIONS
Signal-to-Noise Ratio, Unweighted
SNR
Luma ramp
57.1
dB
Luma flat field
58
dB
Analog Front-End Crosstalk
60
dB
Common-Mode Rejection Ratio2
CMRR
73
dB
LOCK TIME SPECIFICATIONS
Horizontal Lock Range
−5
+5
%
Vertical Lock Range
40
70
Hz
fSC Subcarrier Lock Range
±1.3
kHz
Color Lock-In Time
60
Lines
Synchronization Depth Range
20
200
%
Color Burst Range
5
200
%
Vertical Lock Time
2
Fields
Autodetection Switch Speed3
100
Lines
Fast Switch Speed4
100
ms
LUMA SPECIFICATIONS
CVBS, 1 V input
Luma Brightness Accuracy
1
%
Luma Contrast Accuracy
1
%
1
These specifications apply for all CVBS input types (NTSC, PAL, and SECAM), as well as for single-ended and differential CVBS inputs.
2
The CMRR of this circuit design is critically dependent on the external resistor matching on the circuit inputs (see the Input Networks section). The CMRR measurement
was performed with 0.1% tolerant resistors, a common-mode voltage of 1 V, and a common-mode frequency of 10 kHz.
3
Autodetection switch speed is the time required for the ADV7281/ADV7281-M/ADV7281-MA to detect which video format is present at its input, for example, PAL I or
NTSC M.
4
Fast switch speed is the time required for the ADV7281/ADV7281-M/ADV7281-MA to switch from one analog input (single-ended or differential) to another, for
example, switching from AIN1 to AIN2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com