Electronic Components Datasheet Search
  English  ▼

X  

ADV7281 Datasheet(PDF) 27 Page - Analog Devices

Part # ADV7281
Description  10-Bit, 4 Oversampled SDTV Video Decoder with Differential Inputs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7281 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADV7281 Datasheet HTML 23Page - Analog Devices ADV7281 Datasheet HTML 24Page - Analog Devices ADV7281 Datasheet HTML 25Page - Analog Devices ADV7281 Datasheet HTML 26Page - Analog Devices ADV7281 Datasheet HTML 27Page - Analog Devices ADV7281 Datasheet HTML 28Page - Analog Devices ADV7281 Datasheet HTML 29Page - Analog Devices ADV7281 Datasheet HTML 30Page - Analog Devices ADV7281 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
Data Sheet
ADV7281
Rev. A | Page 27 of 32
PCB LAYOUT RECOMMENDATIONS
The ADV7281/ADV7281-M/ADV7281-MA are high precision,
high speed, mixed-signal devices. To achieve maximum perfor-
mance from the parts, it is important to use a well-designed PCB.
This section provides guidelines for designing a PCB for use
with the ADV7281/ADV7281-M/ADV7281-MA.
ANALOG INTERFACE INPUTS
When routing the analog interface inputs on the PCB, keep
track lengths to a minimum. Use 75 Ω trace impedances when
possible; trace impedances other than 75 Ω increase the chance
of reflections.
POWER SUPPLY DECOUPLING
It is recommended that each power supply pin be decoupled
with 100 nF and 10 nF capacitors. The basic principle is to place
a decoupling capacitor within approximately 0.5 cm of each power
pin. Avoid placing the decoupling capacitors on the opposite
side of the PCB from the ADV7281/ADV7281-M/ADV7281-MA
because doing so introduces inductive vias in the path.
Place the decoupling capacitors between the power plane and
the power pin. Current should flow from the power plane to the
capacitor and then to the power pin. Do not apply the power
connection between the capacitor and the power pin. The best
approach is to place a via near, or beneath, the decoupling capaci-
tor pads down to the power plane (see Figure 19).
SUPPLY
GROUND
10nF
100nF
VIA TO SUPPLY
VIA TO GND
Figure 19. Recommended Power Supply Decoupling
It is especially important to maintain low noise and good
stability for the PVDD pin. Careful attention must be paid to
regulation, filtering, and decoupling. It is highly desirable to
provide separate regulated supplies for each circuit group
AVDD, DVDD, DVDDIO, PVDD, and MVDD. MVDD only applies to the
ADV7281-M/ADV7281-MA models.
Some graphic controllers use substantially different levels of
power when active (during active picture time) and when idle
(during horizontal and vertical sync periods). This disparity can
result in a measurable change in the voltage supplied to the analog
supply regulator, which can, in turn, produce changes in the regu-
lated analog supply voltage. This problem can be mitigated by
regulating the analog supply, or at least the PVDD supply, from a
different, cleaner power source, for example, from a 12 V supply.
Using a single ground plane for the entire board is also recom-
mended. Experience has shown that the noise performance is
the same or better with a single ground plane. Using multiple
ground planes can be detrimental because each separate ground
plane is smaller, and long ground loops can result.
VREFN AND VREFP PINS
Place the circuit associated with the VREFN and VREFP pins as
close as possible to the ADV7281/ADV7281-M/ADV7281-MA
and on the same side of the PCB as the part.
DIGITAL OUTPUTS
The ADV7281 digital outputs are INTRQ, LLC, P0:P7. The
ADV7281-M/ADV7281-MA are INTRQ, GPO0 to GPO2.
Minimize the trace length that the digital outputs must drive.
Longer traces have higher capacitance, requiring more current
and, in turn, causing more internal digital noise. Shorter traces
reduce the possibility of reflections.
Adding a 30 Ω to 50 Ω series resistor can suppress reflections,
reduce EMI, and reduce current spikes inside the ADV7281/
ADV7281-M/ADV7281-MA. If series resistors are used,
place them as close as possible to the pins of the ADV7281/
ADV7281-M/ ADV7281-MA. However, try not to add vias or
extra length to the output trace in an attempt to place the resistors
closer.
If possible, limit the capacitance that each digital output must
drive to less than 15 pF. This recommendation can be easily
accommodated by keeping traces short and by connecting the
outputs to only one device. Loading the outputs with excessive
capacitance increases the current transients inside the ADV7281/
ADV7281-M/ADV7281-MA, creating more digital noise on the
power supplies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com