Electronic Components Datasheet Search
  English  ▼

X  

ADV7281 Datasheet(PDF) 16 Page - Analog Devices

Part # ADV7281
Description  10-Bit, 4 Oversampled SDTV Video Decoder with Differential Inputs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7281 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADV7281 Datasheet HTML 12Page - Analog Devices ADV7281 Datasheet HTML 13Page - Analog Devices ADV7281 Datasheet HTML 14Page - Analog Devices ADV7281 Datasheet HTML 15Page - Analog Devices ADV7281 Datasheet HTML 16Page - Analog Devices ADV7281 Datasheet HTML 17Page - Analog Devices ADV7281 Datasheet HTML 18Page - Analog Devices ADV7281 Datasheet HTML 19Page - Analog Devices ADV7281 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
ADV7281
Data Sheet
Rev. A | Page 16 of 32
POWER SUPPLY SEQUENCING
OPTIMAL POWER-UP SEQUENCE
The optimal power-up sequence for the ADV7281/ADV7281-M/
ADV7281-MA is to first power up the 3.3 V DVDDIO supply,
followed by the 1.8 V supplies DVDD, PVDD, AVDD, and MVDD.
MVDD only applies to the ADV7281-M/ADV7281-MA models.
When powering up the ADV7281/ADV7281-M/ADV7281-MA,
follow these steps. During power-up, all supplies must adhere
to the specifications listed in the Absolute Maximum Ratings
section.
1. Assert the PWRDWN and RESET pins (pull the pins low).
2. Power up the DVDDIO supply.
3. After DVDDIO is fully asserted, power up the 1.8 V supplies.
4. After the 1.8 V supplies are fully asserted, pull
the PWRDWN pin high.
5. Wait 5 ms and then pull the RESET pin high.
6. After all power supplies and the PWRDWN and RESET
pins are powered up and stable, wait an additional 5 ms
before initiating I2C communication with the ADV7281/
ADV7281-M/ADV7281-MA.
SIMPLIFIED POWER-UP SEQUENCE
Alternatively, the ADV7281/ADV7281-M/ADV7281-MA can
be powered up by asserting all supplies and the PWRDWN
and RESET pins simultaneously. After this operation, perform a
software reset, then wait 10 ms before initiating I2C commu-
nication with the ADV7281/ADV7281-M/ADV7281-MA.
While the supplies are being established, care must be taken to
ensure that a lower rated supply does not go above a higher rated
supply level. During power-up, all supplies must adhere to the
specifications listed in the Absolute Maximum Ratings section.
POWER-DOWN SEQUENCE
The ADV7281/ADV7281-M/ADV7281-MA supplies can be
deasserted simultaneously as long as DVDDIO does not go below
a lower rated supply.
DVDDIO SUPPLY VOLTAGE
For correct operation of the ADV7281-M/ADV7281-MA, the
DVDDIO supply must be from 2.97 V to 3.63 V.
The ADV7281 can operate with a nominal DVDDIOvoltage of
1.8 V. In this case, apply the power-up sequences described
previously. The only change is that DVDDIO is powered up to
1.8 V instead of 3.3 V.
Note that when the ADV7281 operates with a nominal DVDDIO
voltage of 1.8 V, then drive strength of all digital outputs must
be set to maximum.
Note that when DVDDIO is 1.8 V, the I2C pins of the ADV7281
(SCLK and SDATA) should be pulled up to 1.8V.
3.3V
1.8V
TIME
3.3V SUPPLY
POWER-UP
1.8V SUPPLIES
POWER-UP
3.3V SUPPLY
PWRDWN PIN
PWRDWN PIN
POWER-UP
RESET PIN
POWER-UP
RESET PIN
1.8V SUPPLIES
5ms
RESET
OPERATION
5ms
WAIT
Figure 10. Optimal Power-Up Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com