Electronic Components Datasheet Search
  English  ▼

X  

ADV7281 Datasheet(PDF) 24 Page - Analog Devices

Part # ADV7281
Description  10-Bit, 4 Oversampled SDTV Video Decoder with Differential Inputs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7281 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADV7281 Datasheet HTML 20Page - Analog Devices ADV7281 Datasheet HTML 21Page - Analog Devices ADV7281 Datasheet HTML 22Page - Analog Devices ADV7281 Datasheet HTML 23Page - Analog Devices ADV7281 Datasheet HTML 24Page - Analog Devices ADV7281 Datasheet HTML 25Page - Analog Devices ADV7281 Datasheet HTML 26Page - Analog Devices ADV7281 Datasheet HTML 27Page - Analog Devices ADV7281 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
ADV7281
Data Sheet
Rev. A | Page 24 of 32
I2C PORT DESCRIPTION
The ADV7281/ADV7281-M/ADV7281-MA support a 2-wire,
I2C-compatible serial interface. Two inputs, serial data (SDATA)
and serial clock (SCLK), carry information between the
ADV7281/ADV7281-M/ADV7281-MA and the system I2C
master controller. The I2C port of the ADV7281/ADV7281-M/
ADV7281-MA allows the user to set up and configure the
decoder and to read back captured VBI data.
The ADV7281/ADV7281-M/ADV7281-MA have a number of
possible I2C slave addresses and subaddresses (see the Register
Maps section). The main map of the ADV7281/ADV7281-M/
ADV7281-MA has four possible slave addresses for read and
write operations, depending on the logic level of the ALSB pin
(see Table 20).
Table 20. Main Map I2C Address for the ADV7281-M/
ADV7281-MA
ALSB Pin
R/W Bit
Slave Address
0
0
0x40 (write)
0
1
0x41 (read)
1
0
0x42 (write)
1
1
0x43 (read)
The ALSB pin controls Bit 1 of the slave address. By changing
the logic level of the ALSB pin, it is possible to control two
ADV7281/ADV7281-M/ADV7281-MA devices in an applica-
tion without using the same I2C slave address. The LSB (Bit 0)
specifies either a read or write operation: Logic 1 corresponds to
a read operation, and Logic 0 corresponds to a write operation.
To control the device on the bus, a specific protocol is followed.
1.
The master initiates a data transfer by establishing a start
condition, which is defined as a high to low transition on
SDATA while SCLK remains high, and indicates that an
address/data stream follows.
2.
All peripherals respond to the start condition and shift
the next eight bits (the 7-bit address plus the R/W bit).
The bits are transferred from MSB to LSB.
3.
The peripheral that recognizes the transmitted address
responds by pulling the data line low during the ninth
clock pulse; this is known as an acknowledge (ACK) bit.
4.
All other devices withdraw from the bus and maintain an
idle condition. In the idle condition, the device monitors
the SDATA and SCLK lines for the start condition and the
correct transmitted address.
The R/W bit determines the direction of the data. Logic 0 on the
LSB of the first byte means that the master writes information
to the peripheral. Logic 1 on the LSB of the first byte means that
the master reads information from the peripheral.
The ADV7281/ADV7281-M/ADV7281-MA act as standard I2C
slave devices on the bus. The data on the SDATA pin is eight bits
long, supporting the 7-bit address plus the R/W bit. The device has
subaddresses to enable access to the internal registers; therefore, it
interprets the first byte as the device address and the second byte
as the starting subaddress. The subaddresses auto-increment,
allowing data to be written to or read from the starting
subaddress. A data transfer is always terminated by a stop
condition. The user can also access any unique subaddress
register individually without updating all the registers.
Stop and start conditions can be detected at any stage during the
data transfer. If these conditions are asserted out of sequence with
normal read and write operations, they cause an immediate jump
to the idle condition. During a given SCLK high period, the user
should issue only one start condition, one stop condition, or a single
stop condition followed by a single start condition. If an invalid
subaddress is issued by the user, the ADV7281/ADV7281-M/
ADV7281-MA do not issue an acknowledge and return to the
idle condition.
If the highest subaddress is exceeded in auto-increment mode,
one of the following actions is taken:
In read mode, the register contents of the highest sub-
address continue to be output until the master device issues
a no acknowledge, which indicates the end of a read. A no
acknowledge condition occurs when the SDATA line is not
pulled low on the ninth pulse.
In write mode, the data for the invalid byte is not loaded
into a subaddress register. A no acknowledge is issued by
the ADV7281/ADV7281-M/ADV7281-MA, and the part
returns to the idle condition.
SDATA
SCLK
START ADDR
ACK
ACK
DATA
ACK
STOP
SUBADDRESS
1–7
1–7
89
8
9
1–7
8
9
S
P
R/W
Figure 16. Bus Data Transfer
S
WRITE
SEQUENCE
SLAVE ADDR
A(S) SUBADDRESS A(S)
DATA
A(S)
DATA
A(S)
P
S
READ
SEQUENCE
SLAVE ADDR
SLAVE ADDR
A(S) SUBADDRESS A(S) S
A(S)
DATA
A(M)
DATA
A(M) P
S = START BIT
P = STOP BIT
A(S) = ACKNOWLEDGE BY SLAVE
A(M) = ACKNOWLEDGE BY MASTER
A(S) = NO ACKNOWLEDGE BY SLAVE
A(M) = NO ACKNOWLEDGE BY MASTER
LSB = 1
LSB = 0
Figure 17. Read and Write Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com