Electronic Components Datasheet Search
  English  ▼

X  

ADV7281 Datasheet(PDF) 23 Page - Analog Devices

Part # ADV7281
Description  10-Bit, 4 Oversampled SDTV Video Decoder with Differential Inputs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7281 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADV7281 Datasheet HTML 19Page - Analog Devices ADV7281 Datasheet HTML 20Page - Analog Devices ADV7281 Datasheet HTML 21Page - Analog Devices ADV7281 Datasheet HTML 22Page - Analog Devices ADV7281 Datasheet HTML 23Page - Analog Devices ADV7281 Datasheet HTML 24Page - Analog Devices ADV7281 Datasheet HTML 25Page - Analog Devices ADV7281 Datasheet HTML 26Page - Analog Devices ADV7281 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
Data Sheet
ADV7281
Rev. A | Page 23 of 32
MIPI CSI-2 OUTPUT
The decoder in the ADV7281-M/ADV7281-MA outputs an
ITU-R BT.656 data stream. The ITU-R BT.656 data stream is
connected into a CSI-2 Tx module. Data from the CSI-2 Tx
module is fed into a D-PHY physical layer and output serially
from the device.
The output of the ADV7281-M/ADV7281-MA consists of a
single data channel on the D0P and D0N lanes and a clock
channel on the CLKP and CLKN lanes.
Video data is output over the data lanes in high speed mode.
The data lanes enter low power mode during the horizontal
and vertical blanking periods.
The clock lanes are used to clock the output video. After the
ADV7281-M/ADV7281-MA are programmed, the clock lanes
exit low power mode and remain in high speed mode until the
part is reset or powered down.
The ADV7281-M/ADV7281-MA output video data in an 8-bit
YCrCb 4:2:2 format. The video data is output in an interlaced
format at a nominal data rate of 216 Mbps.
D0P
(1 BIT)
D0N
(1 BIT)
CLKP
(1 BIT)
CLKN
(1 BIT)
ITU-R BT.656
DATA
STREAM
CSI-2
Tx
VIDEO
DECODER
D-PHY
Tx
ANALOG
VIDEO
INPUT
CSI Tx DATA
OUTPUT (8 BITS)
DATA LANE LP
SIGNALS (2 BITS)
CLOCK LANE LP
SIGNALS (2 BITS)
Figure 15. MIPI CSI-2 Output Stage of the ADV7281-M/ADV7281-MA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com