Electronic Components Datasheet Search
  English  ▼

X  

ADV7281 Datasheet(PDF) 28 Page - Analog Devices

Part # ADV7281
Description  10-Bit, 4 Oversampled SDTV Video Decoder with Differential Inputs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7281 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADV7281 Datasheet HTML 24Page - Analog Devices ADV7281 Datasheet HTML 25Page - Analog Devices ADV7281 Datasheet HTML 26Page - Analog Devices ADV7281 Datasheet HTML 27Page - Analog Devices ADV7281 Datasheet HTML 28Page - Analog Devices ADV7281 Datasheet HTML 29Page - Analog Devices ADV7281 Datasheet HTML 30Page - Analog Devices ADV7281 Datasheet HTML 31Page - Analog Devices ADV7281 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
ADV7281
Data Sheet
Rev. A | Page 28 of 32
EXPOSED METAL PAD
The ADV7281/ADV7281-M/ADV7281-MA have an exposed
metal pad on the bottom of the package. This pad must be
soldered to ground. The exposed pad is used for proper heat
dissipation, noise suppression, and mechanical strength.
DIGITAL INPUTS
The digital inputs of the ADV7281/ADV7281-M/ADV7281-MA
are designed to work with 1.8 V signals (3.3 V for DVDDIO) and are
not tolerant of 5 V signals. Extra components are required if 5 V
logic signals must be applied to the decoder.
MIPI OUTPUTS (D0P, D0N, CLKP, CLKN)
ADV7281-M/ADV7281-MA ONLY
It is recommended that the MIPI output traces be kept as short
as possible and on the same side of the PCB as the ADV7281-M/
ADV7281-MA device. It is also recommended that a solid plane
(preferably a ground plane) be placed on the layer adjacent to
the MIPI traces to provide a solid reference plane.
MIPI transmission operates in both differential and single-
ended modes. During high speed transmission, the pair of
outputs operates in differential mode; in low power mode, the
pair operates as two independent single-ended traces. There-
fore, it is recommended that each output pair be routed as two
loosely coupled 50 Ω single-ended traces to reduce the risk of
crosstalk between the two traces in low power mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com