Electronic Components Datasheet Search
  English  ▼

X  

ADV7281 Datasheet(PDF) 30 Page - Analog Devices

Part # ADV7281
Description  10-Bit, 4 Oversampled SDTV Video Decoder with Differential Inputs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7281 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADV7281 Datasheet HTML 24Page - Analog Devices ADV7281 Datasheet HTML 25Page - Analog Devices ADV7281 Datasheet HTML 26Page - Analog Devices ADV7281 Datasheet HTML 27Page - Analog Devices ADV7281 Datasheet HTML 28Page - Analog Devices ADV7281 Datasheet HTML 29Page - Analog Devices ADV7281 Datasheet HTML 30Page - Analog Devices ADV7281 Datasheet HTML 31Page - Analog Devices ADV7281 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
ADV7281
Data Sheet
Rev. A | Page 30 of 32
Figure 21 provides an example of how to connect the ADV7281-M. For detailed schematics of the ADV7281-M evaluation board, contact
a local Analog Devices, Inc., field applications engineer or an Analog Devices distributor.
SCLK
31
SCLK
SDATA
30
SDATA
AIN1
17
AIN2
18
DIAG1
22
23
6
7
8
9
10
11
12
VREFP
VREFN
28.63636MHz
47pF
47pF
LOCATE CLOSE TO, AND
ON THE SAME SIDE OF
THE PCB AS, THE ADV7281-M
XTALP
14
XTALN
15
ALSB
29
DVDDIO
4kΩ
DVDDIO_3.3V
DVDD_1.8V
AVDD_1.8V
PVDD_1.8V
0.1µF
10nF
0.1µF
10nF
0.1µF
10nF
0.1µF
10nF
RESET
RESET
AIN3
PWRDWN
PWRDWN
32
28
0.1µF
10nF
MVDD_1.8V
0.1µF
19
20
24
25
26
27
D0P
D0N
CLKP
CLKN
AIN4
AIN5
AIN6
GPO2
GPO1
GPO0
GPO2
GPO1
GPO0
D0P
D0N
CLKP
CLKN
5
INTRQ
INTRQ
AIN5
AIN6
DIAG2
0.1µF
0.1µF
430Ω
150Ω
430Ω
1
9.1
0.1µF
0.1µF
430Ω
75Ω
430Ω
AIN1
AIN2
DIAG1
AIN3
AIN4
DIAG2
51Ω
24Ω
0.1µF
AIN5
SINGLE-ENDED
51Ω
24Ω
0.1µF
AIN6
AIN1
AIN2
AIN3
AIN4
DIAG1
DIAG2
FULLY
DIFFERENTIAL
CVBS INPUT
PSEUDO
DIFFERENTIAL
CVBS INPUT
kΩ
kΩ
9.1kΩ
1kΩ
CVBS INPUT
EXAMPLE
SINGLE-ENDED
CVBS INPUT
EXAMPLE
DVDDIO_3.3V
MVDD_1.8V
AVDD_1.8V
DVDD_1.8V
ADV7281-M
LOCATE VREFN AND VREFP CAPACITOR AS CLOSE
AS POSSIBLE TO THE ADV7281-M AND ON THE SAME
SIDE OF THE PCB AS THE ADV7281-M
1.3kΩ
1.3kΩ
1.3kΩ
1.3kΩ
ALSB TIED HIGH: I2C ADDRESS = 0x42
ALSB TIED LOW: I2C ADDRESS = 0x40
DIFF1+
DIFF1–
DIFF2+
DIFF2–
Figure 21. Typical Connection Diagram, ADV7281-M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com