Electronic Components Datasheet Search
  English  ▼

X  

DP83840AVCE Datasheet(PDF) 28 Page - Texas Instruments

Part # DP83840AVCE
Description  10/100 Mb/s Ethernet Physical Layer
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83840AVCE Datasheet(HTML) 28 Page - Texas Instruments

Back Button DP83840AVCE Datasheet HTML 24Page - Texas Instruments DP83840AVCE Datasheet HTML 25Page - Texas Instruments DP83840AVCE Datasheet HTML 26Page - Texas Instruments DP83840AVCE Datasheet HTML 27Page - Texas Instruments DP83840AVCE Datasheet HTML 28Page - Texas Instruments DP83840AVCE Datasheet HTML 29Page - Texas Instruments DP83840AVCE Datasheet HTML 30Page - Texas Instruments DP83840AVCE Datasheet HTML 31Page - Texas Instruments DP83840AVCE Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 91 page
background image
3.0 Functional Description (Continued)
27
National Semiconductor
Version A
3.5.5.2 Repeater Clock Distribution Example
The clock distribution within a multi-port repeater can be
designed in a variety of ways. Figure 12 provides a
simplified example of one possible timing distribution
scheme in a 100 Mb/s only repeater design. It should be
noted that in order to support Auto-Negotiation, a 20 MHz
reference would be required for each DP83840A device.
ENDEC
(DP83850
100RIC)
DP83840A (1)
DP83840A (2)
DP83840A (12)
DP83223
(1)
DP83223
(2)
DP83223
(12)
25 MHz
25
MHz
BUFFER
RX_CLK
MAC
PHY
PMD
RXD
TX_CLK
RX_CLK
TXD
TD
RD
50
MHz
FIGURE 12. Typical 100 Mb/s Repeater Clock Interconnection
FIGURE 11. Typical Adapter Clock and Data Typical
Due to the demanding timing constraints required to
maintain standards compliance, great care must be
taken in the design and layout of a multi-port repeater
system. The example provided in Figure 12 illustrates
interconnection only and should not be considered as a
reference design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com