Electronic Components Datasheet Search
  English  ▼

X  

DP83840AVCE Datasheet(PDF) 85 Page - Texas Instruments

Part # DP83840AVCE
Description  10/100 Mb/s Ethernet Physical Layer
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83840AVCE Datasheet(HTML) 85 Page - Texas Instruments

Back Button DP83840AVCE Datasheet HTML 81Page - Texas Instruments DP83840AVCE Datasheet HTML 82Page - Texas Instruments DP83840AVCE Datasheet HTML 83Page - Texas Instruments DP83840AVCE Datasheet HTML 84Page - Texas Instruments DP83840AVCE Datasheet HTML 85Page - Texas Instruments DP83840AVCE Datasheet HTML 86Page - Texas Instruments DP83840AVCE Datasheet HTML 87Page - Texas Instruments DP83840AVCE Datasheet HTML 88Page - Texas Instruments DP83840AVCE Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 91 page
background image
8.0 Electrical Specifications (Continued)
84
Version A
8.7 Auto-Negotiation Fast Link Pulse (FLP) Timing
8.7.1 Auto-Negotiation Fast Link Pulse (FLP) timing
Parameter
Description
Notes
Min
Typ
Max
Units
T1
Clock, Data Pulse Width
80
100
130
ns
T2
Clock Pulse to Clock Pulse
Period
111
125
139
µs
T3
Clock Pulse to Data Pulse
Period
Data = 1
55.5
69.5
µs
T4
Number of Pulses in a Burst
17
33
#
T5
Burst Width
2ms
T6
FLP Burst to FLP Burst Period
8
24
ms
T2
T3
T1
T1
clock
pulse
data
pulse
clock
pulse
FLP Burst
FLP Burst
T6
T5
Fast Link Pulse(s)
T4
8.6.7 10BASE-T Normal Link Pulse Timing
Parameter
Description
Notes
Min
Typ
Max
Units
T1
Clock, Data Pulse Width
80
100
130
ns
T2
Clock Pulse to Clock Pulse
Period
816
24
ms
T2
T1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com