Electronic Components Datasheet Search
  English  ▼

X  

DP83840AVCE Datasheet(PDF) 63 Page - Texas Instruments

Part # DP83840AVCE
Description  10/100 Mb/s Ethernet Physical Layer
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83840AVCE Datasheet(HTML) 63 Page - Texas Instruments

Back Button DP83840AVCE Datasheet HTML 59Page - Texas Instruments DP83840AVCE Datasheet HTML 60Page - Texas Instruments DP83840AVCE Datasheet HTML 61Page - Texas Instruments DP83840AVCE Datasheet HTML 62Page - Texas Instruments DP83840AVCE Datasheet HTML 63Page - Texas Instruments DP83840AVCE Datasheet HTML 64Page - Texas Instruments DP83840AVCE Datasheet HTML 65Page - Texas Instruments DP83840AVCE Datasheet HTML 66Page - Texas Instruments DP83840AVCE Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 91 page
background image
6.0 Hardware User Information (Continued)
62
National Semiconductor
Version A
Symptoms:
An improper five bit PHY Address is latched into the
DP83840A upon power-on/reset.
Solution/Workaround:
In order to guarantee that a logic low level is latched-in to
PHYAD[3] upon power-up/reset, it is recommended that a
4.7k
Ω resistor be connected from this pin directly to
ground. Figure 23 illustrates the recommended connection
of external circuitry when using PHYAD[3] / SPEED_100 to
control
transistors
used
for
Common
Magnetics
implementations.
In order to guarantee that a logic high level is latched-in to
PHYAD[3] upon power-up/reset, it is recommended that a
1.0k
Ω resistor be connected from this pin directly to Vcc
and that a 1.2k
Ω resistor be connected in series between
this pin and the transistor control circuitry. It is important to
take note that the base resistor values (each 100
Ω in this
case) are lowered in order to compensate for the series
1.2k
Ω resistor with respect to proper transistor biasing.
Figure 24 illustrates the recommended connection of
external circuitry when using PHYAD[3] / SPEED_100 to
control
transistors
used
for
Common
Magnetics
implementations.
6.5 Collision De-Assertion Time
Problem:
In 100 Mb/s operation, the Collision De-Assertion time
violates the IEEE802.3u specification.
Description:
The Collision De-Assertion time which is determined from
when TX_EN is deasserted to COL going low is specified
at
40ns
maximum
per
IEEE
802.3u/D5.3
section
22.2.4.1.9. This is a test mode function. The DP83840A
has a specification of 87ns maximum.
TXREF
TXO+ Term
TXO- Term
PHYAD[3]/
SPEED_100
DP83840A
4.7k
Ω
1.2 k
Ω
1.2 k
Ω
1.2 k
Ω
Q3
Q2
Q1
GND
All resistors are 1/8th Watt, +/- 5% tolerance
Figure 23. Recommended Control Circuitry and Valid PHYAD[3] Logic Low Latch-in Value
Vcc
TXREF
TXO+ Term
TXO- Term
PHYAD[3]/
SPEED_100
DP83840A
1.0 k
Ω
All resistors are 1/8th Watt, +/- 5% tolerance
Q3
Q2
Q1
1.2k
Ω
100
Ω
100
Ω
100
Ω
Figure 24. Recommended Control Circuitry and Valid PHYAD[3] Logic High Latch-in Val
ue



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com