Electronic Components Datasheet Search
  English  ▼

X  

DP83840AVCE Datasheet(PDF) 11 Page - Texas Instruments

Part # DP83840AVCE
Description  10/100 Mb/s Ethernet Physical Layer
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83840AVCE Datasheet(HTML) 11 Page - Texas Instruments

Back Button DP83840AVCE Datasheet HTML 7Page - Texas Instruments DP83840AVCE Datasheet HTML 8Page - Texas Instruments DP83840AVCE Datasheet HTML 9Page - Texas Instruments DP83840AVCE Datasheet HTML 10Page - Texas Instruments DP83840AVCE Datasheet HTML 11Page - Texas Instruments DP83840AVCE Datasheet HTML 12Page - Texas Instruments DP83840AVCE Datasheet HTML 13Page - Texas Instruments DP83840AVCE Datasheet HTML 14Page - Texas Instruments DP83840AVCE Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 91 page
background image
2.0 Pin Description (Continued)
10
National Semiconductor
Version A
10BTSER
I, J
98
SERIAL/NIBBLE SELECT:
10 Mb/s Serial Operation:
When set high, this input selects serial data transfer mode. Transmit and receive
data is exchanged serially at a 10 MHz clock rate on the least significant bits of the
nibble-wide MII data buses, pins TXD[0] and RXD[0] respectively. This mode is
intended for use with the DP83840A connected to a device (MAC or Repeater)
using a 10 Mb/s serial interface. Serial operation is not supported in 100 Mb/s
mode, therefore this input is ignored during 100 Mb/s operation
10 and 100 Mb/s Nibble Operation:
When set low, this input selects the MII compliant nibble data transfer mode.
Transmit and receive data is exchanged in nibbles on the TXD[3:0] and RXD[3:0]
pins respectively.
At power-up/reset, the value on this pin (set by a pull-up or pull-down resistor,
typically 4.7 k
Ω) is latched into bit 9 of the 10BASE-T Status Register at address
1Bh.
BPALIGN
I, J
99
BYPASS ALIGNMENT: Allows 100 Mb/s transmit and receive data streams to
bypass all of the transmit and receive operations when set high. Refer to Figures 4
and 5. Note that the PCS signaling (CRS, RX_DV, RX_ER, and COL) is not
meaningful during this mode. Additionally TXD[4]/TX_ER is always active.
At power-up/reset, the value on this pin (set by a pull-up or pull-down resistor,
typically 4.7 k
Ω) is latched into bit 12 of the Loopback, Bypass and Receiver Error
Mask Register at address 18h.
BP4B5B
I, J
100
BYPASS 4B5B ENCODER/DECODER: Allows 100 Mb/s transmit and receive
data streams to bypass the 4B to 5B encoder and 5B to 4B decoder circuits when
set high. All PCS signaling (CRS, RX_DV, RX_ER, and COL) remain active and
unaffected by this bypass mode. Additionally, TXD[4]/TX_ER is gated by TX_EN.
Refer to figures 4 and 5.
At power-up/reset, the value on this pin (set by a pull-up or pull-down resistor,
typically 4.7 k
Ω) is latched into bit 14 of the Loopback, Bypass and Receiver Error
Mask Register at address 18h.
BPSCR
I, J
1
BYPASS SCRAMBLER/DESCRAMBLER: Allows 100 Mb/s transmit and receive
data streams to bypass the scrambler and descrambler circuits when set high to
facilitate 100BASE-FX operation. All PCS signaling (CRS, RX_DV, RX_ER, and
COL) remain active and unaffected by this bypass mode. Refer to figures 4 and 5.
At power-up/reset, the value on this pin (set by a pull-up or pull-down resistor,
typically 4.7 k
Ω) is latched into bit 13 of the Loopback, Bypass and Receiver Error
Mask Register at address 18h.
2.5 DEVICE CONFIGURATION INTERFACE
I = TTL/CMOS input
O = TTL/CMOS output
Z = TRI-STATE output
J = IEEE 1149.1 pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com