Electronic Components Datasheet Search
  English  ▼

X  

DP83840AVCE Datasheet(PDF) 45 Page - Texas Instruments

Part # DP83840AVCE
Description  10/100 Mb/s Ethernet Physical Layer
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83840AVCE Datasheet(HTML) 45 Page - Texas Instruments

Back Button DP83840AVCE Datasheet HTML 41Page - Texas Instruments DP83840AVCE Datasheet HTML 42Page - Texas Instruments DP83840AVCE Datasheet HTML 43Page - Texas Instruments DP83840AVCE Datasheet HTML 44Page - Texas Instruments DP83840AVCE Datasheet HTML 45Page - Texas Instruments DP83840AVCE Datasheet HTML 46Page - Texas Instruments DP83840AVCE Datasheet HTML 47Page - Texas Instruments DP83840AVCE Datasheet HTML 48Page - Texas Instruments DP83840AVCE Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 91 page
background image
4.0 Registers (Continued)
44
National Semiconductor
Version A
10
Isolate
(PHYAD = 00000),
RW
ISOLATE:
1 = Isolates the DP83840A from the MII with the exception of the serial
management. When this bit is asserted, the DP83840A does not
respond to TXD[3:0], TX_EN, and TX_ER inputs, and it presents a
high impedance on its
TX_CLK, RX_CLK, RX_DV, RX_ER,
RXD[3:0], COL and CRS outputs. The CLK_25M output stays active
(if enabled) and the DP83840A still responds to serial management
transactions. During Isolate mode TX_EN has no effect, TD+/- will
transmit Idles, TXU+/- and TXS+/- will tri-state, transitions on the
receive inputs RD +/- and RXI +/- are ignored, and link is disabled.
0 =Normal Operation
If the PHY Address is set to 00000 the Isolate bit will be set upon power-
up/reset. Refer to section 3.2.4 for further detail.
9
Restart Auto-Ne-
gotiation
0, RW/SC
RESTART AUTO-NEGOTIATION:
1 = Restart Auto-Negotiation. Re-initiates the Auto-Negotiation process.
If Auto-Negotiation is disabled (bit 12 of this register cleared), this bit
has no function. This bit is self-clearing and will return a value of 1
until Auto-Negotiation is initiated by the DP83840A, whereupon it will
self-clear. Operation of the Auto-Negotiation process is not affected
by the management entity clearing this bit.
0 = Normal Operation
Refer to section 3.9.4 for further detail.
8
Duplex Mode
1, RW
DUPLEX MODE:
1 = Full Duplex operation. Duplex selection is allowed when Auto-
Negotiation is disabled (bit 12 of this register is cleared). When Auto-
Negotiation is enabled, the duplex capability as specified in bits
[15:11] of the BMSR register (address 1h) reflect the current status.
This bit does not reflect duplex status.
0 = Half Duplex Operation
7
Collision Test
0, RW
COLLISION TEST:
1 = Collision Test enabled. When set, this bit will cause the COL signal
to be asserted in response to the assertion of TX_EN.
0 = Normal Operation
6:0
Reserved
X, RO
RESERVED: Write as 0, read as don't care.
4.3 BASIC MODE STATUS REGISTER (BMSR)
Address 01h
Bit
Bit Name
Default
Description
15
100BASE-T4
0, RO/P
100BASE-T4 CAPABLE:
1 = DP83840A able to perform in 100BASE-T4 mode
0 = DP83840A not able to perform in 100BASE-T4 mode
14
100BASE-TX Full
Duplex
1, RO/P
100BASE-TX FULL DUPLEX CAPABLE:
1 = DP83840A able to perform 100BASE-TX in full duplex mode
0 = DP83840A not able to perform 100BASE-TX in full duplex mode
13
100BASE-TX Half
Duplex
1, RO/P
100BASE-TX HALF DUPLEX CAPABLE:
1 = DP83840A able to perform 100BASE-TX in half duplex mode
0 = DP83840A not able to perform 100BASE-TX in half duplex mode
4.2 BASIC MODE CONTROL REGISTER (BMCR) (Continued)
Address 00h
Bit
Bit Name
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com