Electronic Components Datasheet Search
  English  ▼

X  

DP83840AVCE Datasheet(PDF) 71 Page - Texas Instruments

Part # DP83840AVCE
Description  10/100 Mb/s Ethernet Physical Layer
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83840AVCE Datasheet(HTML) 71 Page - Texas Instruments

Back Button DP83840AVCE Datasheet HTML 67Page - Texas Instruments DP83840AVCE Datasheet HTML 68Page - Texas Instruments DP83840AVCE Datasheet HTML 69Page - Texas Instruments DP83840AVCE Datasheet HTML 70Page - Texas Instruments DP83840AVCE Datasheet HTML 71Page - Texas Instruments DP83840AVCE Datasheet HTML 72Page - Texas Instruments DP83840AVCE Datasheet HTML 73Page - Texas Instruments DP83840AVCE Datasheet HTML 74Page - Texas Instruments DP83840AVCE Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 91 page
background image
70
Version A
8.0 Electrical Specifications
8.1 RATINGS AND OPERATING CONDITIONS
8.1.1 Absolute Maximum Ratings
Supply Voltage (VCC)
-0.5 V to 7.0 V
Input Voltage (DCIN)
-0.5 V to VCC + 0.5 V
Output Voltage (DCOUT)
-0.5 V to VCC + 0.5 V
Storage Temperature
-65oC to 150oC
ECL Signal Output Current
-50mA
ESD Protection
2000 V
8.0 Electrical Specifications
8.1.2 Recommended Operating Conditions
Min Typ Max Units
Supply voltage (Vdd)
4.75
5.0
5.25
V
Ambient Temperature (TA)0
70
oC
REFIN Input Frequency (25
MHz)
-50
+50
ppm
REFIN Input Duty Cycle
35
65
%
OSCIN Input Frequency (50
MHz)
-50
+50
ppm
OSCIN Input Duty Cycle
35
65
%
Crystal Specifications:
Crystal Center Frequency
(XFC)
20
MHz
Crystal Freq. Stability (XSTAB)
(Over Temperature)
-50
+50
ppm
MAXIMUM JUNCTION
130 degrees Celsius
MAXIMUM CASE
110 degrees Celsius
8.2 DC Specifications
Symbol
Pin Types
Parameter
Conditions
Min
Typ
Max
Units
VIH
I
I/O
I/O, Z
(excluding RXI+/-
and RD+/-)
Input High
Voltage
2.0
V
AN0 and AN1
Input Pins
IIH = 2 mA
VCC -
1.0
V
VIL
I
I/O
I/O, Z
(excluding RXI+/-
and RD+/-)
Input Low
Voltage
0.8
V
AN0 and AN1
Input Pins
IIL = -2 mA
1.0
V
VIM
AN0 and AN1
Inputs Only
Input Mid Level
Voltage
Pin Unconnected
(VCC/2)
-0.25
(VCC/2)
(VCC/2)
+0.25
V
IIH
I
I/O
I/O, Z
(excluding RXI+/-
and RD+/-)
Input High
Current
VIN = VCC
10
µA
X1 Input
X2 = N.C.
-100
µA
8.1.3 Thermal Characteristics
No Airflow
0.5W / 1.0W / 2.0W
225 LFPM
1.0W
500 LFPM
1.0W
900 LFPM
1.0W
Theta Junction to Case
(Tjc) @ 1.0W
Theta Junction to Ambient
(Tja) degrees Celsius/Watt
36.3 / 35.9 / 34.3
28.7
24.3
21.9
10.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com