Electronic Components Datasheet Search
  English  ▼

X  

DP83840AVCE Datasheet(PDF) 78 Page - Texas Instruments

Part # DP83840AVCE
Description  10/100 Mb/s Ethernet Physical Layer
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83840AVCE Datasheet(HTML) 78 Page - Texas Instruments

Back Button DP83840AVCE Datasheet HTML 74Page - Texas Instruments DP83840AVCE Datasheet HTML 75Page - Texas Instruments DP83840AVCE Datasheet HTML 76Page - Texas Instruments DP83840AVCE Datasheet HTML 77Page - Texas Instruments DP83840AVCE Datasheet HTML 78Page - Texas Instruments DP83840AVCE Datasheet HTML 79Page - Texas Instruments DP83840AVCE Datasheet HTML 80Page - Texas Instruments DP83840AVCE Datasheet HTML 81Page - Texas Instruments DP83840AVCE Datasheet HTML 82Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 91 page
background image
8.0 Electrical Specifications (Continued)
77
Version A
8.5.3 100 Mb/s Transmit Packet Timing
Parameter
Description
Notes
Min
Typ
Max
Units
T1
TX_CLK to TD+/- Latency
100 Mb/s Translational mode (Normal)
3.0
bits
100 Mb/s Transparent mode (BP_4B5B)
3.0
bits
100 Mb/s Phaser mode (BP_ALIGN)
3.0
bits
TX_CLK
TX_EN
TXD
TD+/-
T1
(J/K)
IDLE
DATA
8.5.4 100 Mb/s Transmit Packet Timing
Parameter
Description
Notes
Min
Typ
Max
Units
T1
TX_CLK to TD+/- deassertion 100 Mb/s Translational mode (Normal)
30
ns
100 Mb/s Transparent mode (BP_4B5B)
30
ns
100 Mb/s Phaser mode (BP_ALIGN)
30
ns
TX_CLK
TX_EN
TXD
TD+/-
T1
(T/R)
DATA
IDLE
Note: Latency is determined by measuring the time from the first rising edge of TX_CLK occurring after the assertion of TX_EN
to the first bit of the “j” code group as output from the TD+/- pins. 1 bit time = 10ns in 100 Mb/s mode
Note: De-assertion is determined by measuring the time from the first rising edge of TX_CLK occurring after the de-assertion of TX_EN
to the first bit of the “T” code group as output from the TD+/- pins. 1 bit time = 10ns in 100 Mb/s mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com