Electronic Components Datasheet Search
  English  ▼

X  

DP83840AVCE Datasheet(PDF) 47 Page - Texas Instruments

Part # DP83840AVCE
Description  10/100 Mb/s Ethernet Physical Layer
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83840AVCE Datasheet(HTML) 47 Page - Texas Instruments

Back Button DP83840AVCE Datasheet HTML 43Page - Texas Instruments DP83840AVCE Datasheet HTML 44Page - Texas Instruments DP83840AVCE Datasheet HTML 45Page - Texas Instruments DP83840AVCE Datasheet HTML 46Page - Texas Instruments DP83840AVCE Datasheet HTML 47Page - Texas Instruments DP83840AVCE Datasheet HTML 48Page - Texas Instruments DP83840AVCE Datasheet HTML 49Page - Texas Instruments DP83840AVCE Datasheet HTML 50Page - Texas Instruments DP83840AVCE Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 91 page
background image
4.0 Registers (Continued)
46
National Semiconductor
Version A
4.4 PHY IDENTIFIER REGISTER #1 (PHYIDR1)
Address 02h
The PHY Identifier Registers #1 and #2 together form a unique identifier for the DP83840A. The Identifier consists of a
concatenation of the Organizationally Unique Identifier (OUI), the vendor's model number and the model revision
number. A PHY may return a value of zero in each of the 32 bits of the PHY Identifier if desired. The PHY Identifier is
intended to support network management.
National Semiconductor's IEEE assigned OUI is 080017h.
4.5 PHY IDENTIFIER REGISTER #2 (PHYIDR2)
Address 03h
0
Extended Capa-
bility
1, RO/P
EXTENDED CAPABILITY:
1 = Extended register capable
0 = Basic register capable only
Bit
Bit Name
Default
Description
15:0
OUI_MSB
<00 1000 0000
0000 00>, RO/P
OUI MOST SIGNIFICANT BITS: This register stores bits 3 to 18 of the
OUI (080017h) to bits 15 to 0 of this register respectively. The most
significant two bits of the OUI are ignored (the IEEE standard refers to
these as bits 1 and 2).
Bit
Bit Name
Default
Description
15:10
OUI_LSB
<01 0111>, RO/P
OUI LEAST SIGNIFICANT BITS: Bits 19 to 24 of the OUI (080017h) are
mapped to bits 15 to 10 of this register respectively.
9:4
VNDR_MDL
<00 0000>, RO/P
VENDOR MODEL NUMBER: Six bits of vendor model number mapped
to bits 9 to 4 (most significant bit to bit 9).
3:0
MDL_REV
<0001>, RO/P
MODEL REVISION NUMBER: Four bits of vendor model revision
number mapped to bits 3 to 0 (most significant bit to bit 3). This field will
be incremented for all major DP83840A device changes.
4.3 BASIC MODE STATUS REGISTER (BMSR) (Continued)
Address 01h
Bit
Bit Name
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com