Electronic Components Datasheet Search
  English  ▼

X  

DP83840AVCE Datasheet(PDF) 74 Page - Texas Instruments

Part # DP83840AVCE
Description  10/100 Mb/s Ethernet Physical Layer
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83840AVCE Datasheet(HTML) 74 Page - Texas Instruments

Back Button DP83840AVCE Datasheet HTML 70Page - Texas Instruments DP83840AVCE Datasheet HTML 71Page - Texas Instruments DP83840AVCE Datasheet HTML 72Page - Texas Instruments DP83840AVCE Datasheet HTML 73Page - Texas Instruments DP83840AVCE Datasheet HTML 74Page - Texas Instruments DP83840AVCE Datasheet HTML 75Page - Texas Instruments DP83840AVCE Datasheet HTML 76Page - Texas Instruments DP83840AVCE Datasheet HTML 77Page - Texas Instruments DP83840AVCE Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 91 page
background image
73
Version A
8.0 Electrical Specifications
8.3 CLOCK TIMING
8.3.1 Clock Reference and Clock Generation Timing
Parameter
Description
Notes
Min
Typ
Max
Units
T1
OSCIN to CLK25M Delay OSCIN = 50 MHz
0
30
40
ns
T2
CLK25M Rise Time
10% to 90%
5
ns
T3
CLK25M Fall Time
90% to 10%
5
ns
T4
OSCIN to TX_CLK Delay 10 Mb/s Operation (MII
Nibble Mode)
10
ns
T4a
OSCIN to TX_CLK Delay 10 Mb/s Operation (MII
Serial Mode)
10
ns
T5
REFIN to TX_CLK Delay
100 Mb/s Operation
-3.0
+3.0
ns
T6
TX_CLK Duty Cycle
10 Mb/s Nibble (2.5 MHz),
10 Mb/s Serial (10 MHz)
100 Mb/s Nibble (25 MHz)
35
65
%
OSCIN
CLK25M
REFIN
TX_CLK
T1
T5
T1
T4
T2
T3
T6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com