Electronic Components Datasheet Search
  English  ▼

X  

DP83840AVCE Datasheet(PDF) 34 Page - Texas Instruments

Part # DP83840AVCE
Description  10/100 Mb/s Ethernet Physical Layer
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83840AVCE Datasheet(HTML) 34 Page - Texas Instruments

Back Button DP83840AVCE Datasheet HTML 30Page - Texas Instruments DP83840AVCE Datasheet HTML 31Page - Texas Instruments DP83840AVCE Datasheet HTML 32Page - Texas Instruments DP83840AVCE Datasheet HTML 33Page - Texas Instruments DP83840AVCE Datasheet HTML 34Page - Texas Instruments DP83840AVCE Datasheet HTML 35Page - Texas Instruments DP83840AVCE Datasheet HTML 36Page - Texas Instruments DP83840AVCE Datasheet HTML 37Page - Texas Instruments DP83840AVCE Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 91 page
background image
3.0 Functional Description (Continued)
33
National Semiconductor
Version A
3.7.15 Typical Node Application
An example of the 10BASE-T interface is shown in Figure
17. The TXS+/- signals are used for STP and the TXU+/-
signals for UTP. Standard UTP applications do not require
connection of the TXS+/- outputs. The output resistor
values are chosen to match the transmit output impedance
to the impedance of the twisted pair cable.
The DP83840A 10BASE-T outputs require a 1:2 step-up
isolation
transformer
in
order
to
match
the
cable
impedance. The 10BASE-T inputs require a 1:1 isolation
transformer and appropriate line termination. Refer to
Figure 16.
3.8 IEEE 1149.1 CONTROLLER
The IEEE 1149.1 standard defines a test access port and
boundary-scan architecture for digital integrated circuits
and for the digital portions of mixed analog/digital
integrated circuits. Figure 18 depicts the IEEE 1149.1
architecture.
The standard provides a solution for testing assembled
printed circuit boards and other products based on highly
complex digital integrated circuits and high-density surface-
mounting assembly techniques. It also provides a means of
accessing and controlling design-for-test features built into
the digital integrated circuits. Such features include internal
scan paths and self-test functions as well as other features
intended to support service applications in the assembled
DP83840A
LED1
LED2
RXI-
RXI+
TXS-
TXS+
LED3
LED4
LED5
TXU+
TXU-
VCC
LOW CURRENT LEDS
1:2
10.5
Ω 1%
10.5
Ω 1%
16.5
Ω 1%
16.5
Ω 1%
0.01
µF
1:1
0.01
µF
TD-
TD+
RD-
RD+
10BASE-T
INTERFACE
RJ45
0.01
µF
49.9
Ω
1%
49.9
Ω
1%
Note: Resistors from TXS + / - outputs can
1.5K
Ω 5%
1.5K
Ω 5%
1.5K
Ω 5%
1.5K
Ω 5%
1.5K
Ω 5%
be added if STP cable support is required.
(For STP applications, the RXI+/- termination
resistors should each be 75
Ω +/-1%)
FIGURE 17. Typical 10BASE-T Node Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com