Electronic Components Datasheet Search
  English  ▼

X  

DP83840AVCE Datasheet(PDF) 12 Page - Texas Instruments

Part # DP83840AVCE
Description  10/100 Mb/s Ethernet Physical Layer
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83840AVCE Datasheet(HTML) 12 Page - Texas Instruments

Back Button DP83840AVCE Datasheet HTML 8Page - Texas Instruments DP83840AVCE Datasheet HTML 9Page - Texas Instruments DP83840AVCE Datasheet HTML 10Page - Texas Instruments DP83840AVCE Datasheet HTML 11Page - Texas Instruments DP83840AVCE Datasheet HTML 12Page - Texas Instruments DP83840AVCE Datasheet HTML 13Page - Texas Instruments DP83840AVCE Datasheet HTML 14Page - Texas Instruments DP83840AVCE Datasheet HTML 15Page - Texas Instruments DP83840AVCE Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 91 page
background image
2.0 Pin Description (Continued)
11
National Semiconductor
Version A
2.6 LED INTERFACE
These outputs can be used to drive LEDs directly, or can be used to provide status information to a network
management device. Refer to Figure 12 for the LED connection diagram. Refer to section 2.2 for a description of how to
generate LED indication of 100 Mb/s mode. Note that these outputs are standard CMOS voltage drivers and not
open-drain.
Signal Name
Type
Pin #
Description
LED1
O, J
42
TRANSMIT LED: Indicates the presence of transmit activity (TXE asserted) for 10
Mb/s and 100 Mb/s operation. Active low.
If bit 2 (LED1_MODE) of the PCS Configuration Register (address 17h) is set
high, then the LED1 pin function is changed to indicate the status of the
Disconnect Function as defined by the state of bit 5 (CON_STATUS) in the PHY
address register (address 19h).
The DP83840A incorporates a “monostable” function on the LED1 output. This
ensures that even minimum size packets generate adequate LED ON time
(approximately 50ms) for visibility.
LED2
O, J
41
RECEIVE LED: Indicates the presence of any receive activity (CRS active) for 10
Mb/s and 100 Mb/s operation. Active low.
The DP83840A incorporates a “monostable” function on the LED2 output. This
ensures that even minimum size packets generate adequate LED ON time
(approximately 50ms) for visibility.
LED3
O, J
38
LINK LED: Indicates Good Link status for 10 Mb/s and 100 Mb/s operation. Active
low.
100 Mb/s Link is established as a result of the assertion of the Signal Detect input
to the DP83840A. LED3 will assert after SD has remained asserted for a minimum
of 500
µs. LED3 will deassert immediately following the deassertion of Signal
Detect.
10 Mb/s Link is established as a result of the reception of at least seven
consecutive normal Link Pulses or the reception of a valid 10BASE-T packet
which will cause the assertion of LED3. LED3 will deassert in accordance with the
Link Loss Timer as specified in 802.3.
LED4
O, J
37
POLARITY/FULL DUPLEX LED: Indicates Good Polarity status for 10 Mb/s
operation. Can be configured to Indicate Full Duplex mode status for 10 Mb/s or
100 Mb/s operation. Active low.
The DP83840A automatically compensates for polarity inversion. Polarity
inversion is indicated by the assertion of LED4.
If bit 1 (LED4_MODE) in the PCS Configuration Register (address 17h) is set
high, the LED4 pin function is changed to indicate Full Duplex mode status for 10
Mb/s and 100 Mb/s operation.
LED5
O, J
36
COLLISION LED: Indicates the presence of collision activity for 10 Mb/s and 100
Mb/s Half Duplex operation. This LED has no meaning for 10 Mb/s or 100 Mb/s
Full Duplex operation and will remain deasserted. Active low.
I = TTL/CMOS input
O = TTL/CMOS output
Z = TRI-STATE output
J = IEEE 1149.1 pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com