Electronic Components Datasheet Search
  English  ▼

X  

DP83840AVCE Datasheet(PDF) 65 Page - Texas Instruments

Part # DP83840AVCE
Description  10/100 Mb/s Ethernet Physical Layer
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83840AVCE Datasheet(HTML) 65 Page - Texas Instruments

Back Button DP83840AVCE Datasheet HTML 61Page - Texas Instruments DP83840AVCE Datasheet HTML 62Page - Texas Instruments DP83840AVCE Datasheet HTML 63Page - Texas Instruments DP83840AVCE Datasheet HTML 64Page - Texas Instruments DP83840AVCE Datasheet HTML 65Page - Texas Instruments DP83840AVCE Datasheet HTML 66Page - Texas Instruments DP83840AVCE Datasheet HTML 67Page - Texas Instruments DP83840AVCE Datasheet HTML 68Page - Texas Instruments DP83840AVCE Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 91 page
background image
6.0 Hardware User Information (Continued)
64
National Semiconductor
Version A
Symptoms:
National believes that there will be no system ramification
due to the DP83840A not meeting the IEEE specification
for return loss. National Semiconductor has done extensive
system testing with DP83840A’s that have return loss in
the range of 4-6dB, and did not see any degradation in
system performance.
Solution/Workaround:
To improve the return loss at idle, National Semiconductor
recommends that 1000pF capacitors be place in parallel to
the 10.5
Ω termination resistors connected to the TXU+/-
pins. Figure 26 illustrates the recommended connection of
external components to improve return loss.
6.9 Low Power Mode
Problem:
The DP83840A sometimes fails to Auto-Negotiate when
switching from 100 Mb/s link partner to a 10 Mb/s link
partner when the low power pin (pin 2) is driven by
Speed_100/PhyAdr<3> (pin 89).
The low power mode works when used in a 100 Mb/s only
operation.
Description:
Any application using the DP83840A (with the low power
pin driven by the Speed_100 pin) will sometimes fail to
Auto-Negotiate to the 10 Mb/s link partner that has first
established a link with a 100 Mb/s link partner and then is
disconnected from the 100 Mb/s link partner and then
connected to a 10 Mb/s link partner. The reason for this is
that in 100 Mb/s mode, the part will be configured for low
power mode and shut down the 10 Mb/s and Auto-
Negotiation circuitry in the DP83840A and when it tries to
connect to a 10 Mb/s link partner the 10 Mb/s and Auto-
Negotiation circuitry might not be fully powered up.
Symptoms:
When this problem occurs, no link will be established with
the 10 Mb/s link partner and the FLP signal being sent by
the DP83840A will be half it’s normal amplitude. This
indicates that the 10 Mb/s section of the chip has not
powered up properly.
Solution/Workaround:
It is recommended that in 10/100 application that the low
power mode of the device not be used.
In 100 Mb/s only applications, it is recommended that the
low power pin be pulled high through a 4.7k
Ω resister.
6.10 Software Reset
Problem:
Hardware Configuration pins require a (4.7k
Ω or less) pull
up/down resistor to insure that the Physical Address is
stable at latching time.
Description:
The following is an explanation of events based on
software reset:
1. First high byte is written via MDIO
2. Software reset is true for the next 500ns.
3. At synchronous de-assertion of the reset all mode pins
and Phy Address pins are latched.
4. Output enables for Phy Address pins are disabled (they
will become inputs) from start of the reset to 1700ns after
reset assertion.
5. Within 250ns from assertion of software reset, the phy
address has to be stable. This implies that the RC time
constant should be faster than 250ns so that Phy address
will be latched correctly with reset synchronous de-
assertion.
6. DP83840A Phy Address pin drivers have been modified
to provide more drive current than the DP83840. This will
increase the capacitance at the pin, hence the resistance
will need to be reduced accordingly to keep the time
constant low.
DP83840A
Pin 25 (TXU-)
Pin 24 (TXU+)
RJ45
1:2
10.5
Ω
10.5
Ω
1000pF
1000pF
2
1
Figure 26. Recommended External Circuitry to Improve Transmit Return Loss



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com