Electronic Components Datasheet Search
  English  ▼

X  

EP1C3 Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # EP1C3
Description  Cyclone Device Handbook, Volume 1
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EP1C3 Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button EP1C3 Datasheet HTML 29Page - List of Unclassifed Manufacturers EP1C3 Datasheet HTML 30Page - List of Unclassifed Manufacturers EP1C3 Datasheet HTML 31Page - List of Unclassifed Manufacturers EP1C3 Datasheet HTML 32Page - List of Unclassifed Manufacturers EP1C3 Datasheet HTML 33Page - List of Unclassifed Manufacturers EP1C3 Datasheet HTML 34Page - List of Unclassifed Manufacturers EP1C3 Datasheet HTML 35Page - List of Unclassifed Manufacturers EP1C3 Datasheet HTML 36Page - List of Unclassifed Manufacturers EP1C3 Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 385 page
background image
Altera Corporation
2–13
May 2008
Preliminary
MultiTrack Interconnect
migrating through different device densities. Dedicated row
interconnects route signals to and from LABs, PLLs, and M4K memory
blocks within the same row. These row resources include:
■
Direct link interconnects between LABs and adjacent blocks
■
R4 interconnects traversing four blocks to the right or left
The direct link interconnect allows a LAB or M4K memory block to drive
into the local interconnect of its left and right neighbors. Only one side of
a PLL block interfaces with direct link and row interconnects. The direct
link interconnect provides fast communication between adjacent LABs
and/or blocks without using row interconnect resources.
The R4 interconnects span four LABs, or two LABs and one M4K RAM
block. These resources are used for fast row connections in a four-LAB
region. Every LAB has its own set of R4 interconnects to drive either left
or right. Figure 2–9 shows R4 interconnect connections from a LAB. R4
interconnects can drive and be driven by M4K memory blocks, PLLs, and
row IOEs. For LAB interfacing, a primary LAB or LAB neighbor can drive
a given R4 interconnect. For R4 interconnects that drive to the right, the
primary LAB and right neighbor can drive on to the interconnect. For R4
interconnects that drive to the left, the primary LAB and its left neighbor
can drive on to the interconnect. R4 interconnects can drive other R4
interconnects to extend the range of LABs they can drive. R4
interconnects can also drive C4 interconnects for connections from one
row to another.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com