Electronic Components Datasheet Search
  English  ▼

X  

EP1C3 Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # EP1C3
Description  Cyclone Device Handbook, Volume 1
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EP1C3 Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button EP1C3 Datasheet HTML 41Page - List of Unclassifed Manufacturers EP1C3 Datasheet HTML 42Page - List of Unclassifed Manufacturers EP1C3 Datasheet HTML 43Page - List of Unclassifed Manufacturers EP1C3 Datasheet HTML 44Page - List of Unclassifed Manufacturers EP1C3 Datasheet HTML 45Page - List of Unclassifed Manufacturers EP1C3 Datasheet HTML 46Page - List of Unclassifed Manufacturers EP1C3 Datasheet HTML 47Page - List of Unclassifed Manufacturers EP1C3 Datasheet HTML 48Page - List of Unclassifed Manufacturers EP1C3 Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 385 page
background image
Altera Corporation
2–25
May 2008
Preliminary
Embedded Memory
Independent Clock Mode
The M4K memory blocks implement independent clock mode for true
dual-port memory. In this mode, a separate clock is available for each port
(ports A and B). Clock A controls all registers on the port A side, while
clock B controls all registers on the port B side. Each port, A and B, also
supports independent clock enables and asynchronous clear signals for
port A and B registers. Figure 2–17 shows an M4K memory block in
independent clock mode.
Figure 2–17. Independent Clock Mode
Notes (1), (2)
Notes to Figure 2–17:
(1)
All registers shown have asynchronous clear ports.
(2)
Violating the setup or hold time on the address registers could corrupt the memory contents. This applies to both
read and write operations.
Input/Output Clock Mode
Input/output clock mode can be implemented for both the true and
simple dual-port memory modes. On each of the two ports, A or B, one
clock controls all registers for inputs into the memory block: data input,
wren, and address. The other clock controls the block's data output
registers. Each memory block port, A or B, also supports independent
clock enables and asynchronous clear signals for input and output
registers. Figures 2–18 and 2–19 show the memory block in input/output
clock mode.
6
D
ENA
Q
D
ENA
Q
D
ENA
Q
data
A[ ]
address
A[ ]
Memory Block
256 ´ 16 (2)
512 ´ 8
1,024 ´ 4
2,048 ´ 2
4,096 ´ 1
Data In
Address A
Write/Read
Enable
Data Out
Data In
Address B
Write/Read
Enable
Data Out
clken
A
clock
A
D
ENA
Q
wren
A
6 LAB Row Clocks
q
A[ ]
6
data
B[ ]
address
B[ ]
clken
B
clock
B
wren
B
q
B[ ]
ENA
AB
ENA
D
Q
D
ENA
Q
byteena
A[ ]
Byte Enable A
Byte Enable B
byteena
B[ ]
ENA
D
Q
ENA
D
Q
ENA
D
Q
D
Q
Write
Pulse
Generator
Write
Pulse
Generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com