Electronic Components Datasheet Search
  English  ▼

X  

EP1C3 Datasheet(PDF) 73 Page - List of Unclassifed Manufacturers

Part # EP1C3
Description  Cyclone Device Handbook, Volume 1
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EP1C3 Datasheet(HTML) 73 Page - List of Unclassifed Manufacturers

Back Button EP1C3 Datasheet HTML 69Page - List of Unclassifed Manufacturers EP1C3 Datasheet HTML 70Page - List of Unclassifed Manufacturers EP1C3 Datasheet HTML 71Page - List of Unclassifed Manufacturers EP1C3 Datasheet HTML 72Page - List of Unclassifed Manufacturers EP1C3 Datasheet HTML 73Page - List of Unclassifed Manufacturers EP1C3 Datasheet HTML 74Page - List of Unclassifed Manufacturers EP1C3 Datasheet HTML 75Page - List of Unclassifed Manufacturers EP1C3 Datasheet HTML 76Page - List of Unclassifed Manufacturers EP1C3 Datasheet HTML 77Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 385 page
background image
Altera Corporation
2–53
May 2008
Preliminary
I/O Structure
and DM pins to support a DDR SDRAM or FCRAM interface. I/O bank 1
can also support a DDR SDRAM or FCRAM interface, however, the
configuration input pins in I/O bank 1 must operate at 2.5 V. I/O bank 3
can also support a DDR SDRAM or FCRAM interface, however, all the
JTAG pins in I/O bank 3 must operate at 2.5 V.
Figure 2–35. Cyclone I/O Banks
Notes (1), (2)
Notes to Figure 2–35:
(1)
Figure 2–35 is a top view of the silicon die.
(2)
Figure 2–35 is a graphic representation only. Refer to the pin list and the Quartus II software for exact pin locations.
Each I/O bank has its own
VCCIO pins. A single device can support 1.5-V,
1.8-V, 2.5-V, and 3.3-V interfaces; each individual bank can support a
different standard with different I/O voltages. Each bank also has
dual-purpose
VREF pins to support any one of the voltage-referenced
standards (e.g., SSTL-3) independently. If an I/O bank does not use
voltage-referenced standards, the VREF pins are available as user I/O pins.
I/O Bank 2
I/O Bank 3
I/O Bank 4
I/O Bank 1
All I/O Banks Support
■ 3.3-V LVTTL/LVCMOS
■ 2.5-V LVTTL/LVCMOS
■ 1.8-V LVTTL/LVCMOS
■ 1.5-V LVCMOS
■ LVDS
■ RSDS
■ SSTL-2 Class I and II
■ SSTL-3 Class I and II
I/O Bank 3
Also Supports
the 3.3-V PCI
I/O Standard
I/O Bank 1
Also Supports
the 3.3-V PCI
I/O Standard
Individual
Power Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com