Electronic Components Datasheet Search
  English  ▼

X  

EP1C3 Datasheet(PDF) 80 Page - List of Unclassifed Manufacturers

Part # EP1C3
Description  Cyclone Device Handbook, Volume 1
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EP1C3 Datasheet(HTML) 80 Page - List of Unclassifed Manufacturers

Back Button EP1C3 Datasheet HTML 76Page - List of Unclassifed Manufacturers EP1C3 Datasheet HTML 77Page - List of Unclassifed Manufacturers EP1C3 Datasheet HTML 78Page - List of Unclassifed Manufacturers EP1C3 Datasheet HTML 79Page - List of Unclassifed Manufacturers EP1C3 Datasheet HTML 80Page - List of Unclassifed Manufacturers EP1C3 Datasheet HTML 81Page - List of Unclassifed Manufacturers EP1C3 Datasheet HTML 82Page - List of Unclassifed Manufacturers EP1C3 Datasheet HTML 83Page - List of Unclassifed Manufacturers EP1C3 Datasheet HTML 84Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 385 page
background image
3–4
Altera Corporation
Preliminary
May 2008
Cyclone Device Handbook, Volume 1
Figure 3–1 shows the timing requirements for the JTAG signals.
Figure 3–1. Cyclone JTAG Waveforms
Table 3–4 shows the JTAG timing parameters and values for Cyclone
devices.
Table 3–4. Cyclone JTAG Timing Parameters and Values
Symbol
Parameter
Min
Max
Unit
tJCP
TCK clock period
100
—
ns
tJCH
TCK clock high time
50
—
ns
tJCL
TCK clock low time
50
—
ns
tJPSU
JTAG port setup time
20
—
ns
tJPH
JTAG port hold time
45
—
ns
tJPCO
JTAG port clock to output
—
25
ns
tJPZX
JTAG port high impedance to valid output
—
25
ns
tJPXZ
JTAG port valid output to high impedance
—
25
ns
tJSSU
Capture register setup time
20
—
ns
tJSH
Capture register hold time
45
—
ns
tJSCO
Update register clock to output
—
35
ns
tJSZX
Update register high impedance to valid output
—
35
ns
tJSXZ
Update register valid output to high impedance
—
35
ns
TDO
TCK
tJPZX
t
JPCO
tJPH
t JPXZ
tJCP
tJPSU
t JCL
tJCH
TDI
TMS
Signal
to Be
Captured
Signal
to Be
Driven
t
JSZX
tJSSU
tJSH
t
JSCO
tJSXZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com