Electronic Components Datasheet Search
  English  ▼

X  

EP1C3 Datasheet(PDF) 87 Page - List of Unclassifed Manufacturers

Part # EP1C3
Description  Cyclone Device Handbook, Volume 1
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EP1C3 Datasheet(HTML) 87 Page - List of Unclassifed Manufacturers

Back Button EP1C3 Datasheet HTML 83Page - List of Unclassifed Manufacturers EP1C3 Datasheet HTML 84Page - List of Unclassifed Manufacturers EP1C3 Datasheet HTML 85Page - List of Unclassifed Manufacturers EP1C3 Datasheet HTML 86Page - List of Unclassifed Manufacturers EP1C3 Datasheet HTML 87Page - List of Unclassifed Manufacturers EP1C3 Datasheet HTML 88Page - List of Unclassifed Manufacturers EP1C3 Datasheet HTML 89Page - List of Unclassifed Manufacturers EP1C3 Datasheet HTML 90Page - List of Unclassifed Manufacturers EP1C3 Datasheet HTML 91Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 385 page
background image
Altera Corporation
4–3
May 2008
Preliminary
Operating Conditions
Table 4–5. LVCMOS Specifications
Symbol
Parameter
Conditions
Minimum
Maximum
Unit
VCCIO
Output supply voltage
—
3.0
3.6
V
VIH
High-level input voltage
—
1.7
4.1
V
VIL
Low-level input voltage
—
–0.5
0.7
V
VOH
High-level output voltage
VCCIO = 3.0,
IOH = –0.1 mA
VCCIO – 0.2
—
V
VOL
Low-level output voltage
VCCIO = 3.0,
IOL = 0.1 mA
—0.2
V
Table 4–6. 2.5-V I/O Specifications
Symbol
Parameter
Conditions
Minimum
Maximum
Unit
VCCIO
Output supply voltage
—
2.375
2.625
V
VIH
High-level input voltage
—
1.7
4.1
V
VIL
Low-level input voltage
—
–0.5
0.7
V
VOH
High-level output voltage
IOH = –0.1 mA
2.1
—
V
IOH = –1 mA
2.0
—
V
IOH = –2 to –16 mA (11)
1.7
—
V
VOL
Low-level output voltage
IOL = 0.1 mA
—
0.2
V
IOH = 1 mA
—
0.4
V
IOH = 2 to 16 mA (11)
—0.7
V
Table 4–7. 1.8-V I/O Specifications
Symbol
Parameter
Conditions
Minimum
Maximum
Unit
VCCIO
Output supply voltage
—
1.65
1.95
V
VIH
High-level input voltage
—
0.65
×
VCCIO
2.25 (12)
V
VIL
Low-level input voltage
—
–0.3
0.35
×
VCCIO
V
VOH
High-level output voltage
IOH = –2 to –8 mA (11) VCCIO – 0.45
—
V
VOL
Low-level output voltage
IOL = 2 to 8 mA (11)
—0.45
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com