Electronic Components Datasheet Search
  English  ▼

X  

EP1C3 Datasheet(PDF) 75 Page - List of Unclassifed Manufacturers

Part # EP1C3
Description  Cyclone Device Handbook, Volume 1
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EP1C3 Datasheet(HTML) 75 Page - List of Unclassifed Manufacturers

Back Button EP1C3 Datasheet HTML 71Page - List of Unclassifed Manufacturers EP1C3 Datasheet HTML 72Page - List of Unclassifed Manufacturers EP1C3 Datasheet HTML 73Page - List of Unclassifed Manufacturers EP1C3 Datasheet HTML 74Page - List of Unclassifed Manufacturers EP1C3 Datasheet HTML 75Page - List of Unclassifed Manufacturers EP1C3 Datasheet HTML 76Page - List of Unclassifed Manufacturers EP1C3 Datasheet HTML 77Page - List of Unclassifed Manufacturers EP1C3 Datasheet HTML 78Page - List of Unclassifed Manufacturers EP1C3 Datasheet HTML 79Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 385 page
background image
Altera Corporation
2–55
May 2008
Preliminary
Power Sequencing and Hot Socketing
The Cyclone VCCINT pins must always be connected to a 1.5-V power
supply. If the VCCINT level is 1.5 V, then input pins are 1.5-V, 1.8-V, 2.5-V,
and 3.3-V tolerant. The VCCIO pins can be connected to either a 1.5-V, 1.8-V,
2.5-V, or 3.3-V power supply, depending on the output requirements. The
output levels are compatible with systems of the same voltage as the
power supply (i.e., when VCCIO pins are connected to a 1.5-V power
supply, the output levels are compatible with 1.5-V systems). When VCCIO
pins are connected to a 3.3-V power supply, the output high is 3.3-V and
is compatible with 3.3-V or 5.0-V systems. Table 2–14 summarizes
Cyclone MultiVolt I/O support.
Power
Sequencing and
Hot Socketing
Because Cyclone devices can be used in a mixed-voltage environment,
they have been designed specifically to tolerate any possible power-up
sequence. Therefore, the VCCIO and VCCINT power supplies may be
powered in any order.
Signals can be driven into Cyclone devices before and during power up
without damaging the device. In addition, Cyclone devices do not drive
out during power up. Once operating conditions are reached and the
device is configured, Cyclone devices operate as specified by the user.
Table 2–14. Cyclone MultiVolt I/O Support
Note (1)
VCCIO (V)
Input Signal
Output Signal
1.5 V1.8 V2.5 V3.3 V5.0 V1.5 V1.8 V2.5 V3.3 V5.0 V
1.5
vv
v (2)
v (2)
—
v
————
1.8
vv
v (2)
v (2)
—
v (3)
v
———
2.5
—
—
vv
—
v (5) v (5)
v
——
3.3
——
v (4)
v
v (6) v (7) v (7) v (7)
v
v (8)
Notes to Table 2–14:
(1)
The PCI clamping diode must be disabled to drive an input with voltages higher than VCCIO.
(2)
When VCCIO = 1.5-V or 1.8-V and a 2.5-V or 3.3-V input signal feeds an input pin, higher pin leakage current is
expected. Turn on Allow voltage overdrive for LVTTL / LVCMOS input pins in the Assignments > Device >
Device and Pin Options > Pin Placement tab when a device has this I/O combinations.
(3)
When VCCIO = 1.8-V, a Cyclone device can drive a 1.5-V device with 1.8-V tolerant inputs.
(4)
When VCCIO = 3.3-V and a 2.5-V input signal feeds an input pin, the VCCIO supply current will be slightly larger
than expected.
(5)
When VCCIO = 2.5-V, a Cyclone device can drive a 1.5-V or 1.8-V device with 2.5-V tolerant inputs.
(6)
Cyclone devices can be 5.0-V tolerant with the use of an external resistor and the internal PCI clamp diode.
(7)
When VCCIO = 3.3-V, a Cyclone device can drive a 1.5-V, 1.8-V, or 2.5-V device with 3.3-V tolerant inputs.
(8)
When VCCIO = 3.3-V, a Cyclone device can drive a device with 5.0-V LVTTL inputs but not 5.0-V LVCMOS inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com