Electronic Components Datasheet Search
  English  ▼

X  

EM73C63 Datasheet(PDF) 20 Page - ELAN Microelectronics Corp

Part # EM73C63
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73C63 Datasheet(HTML) 20 Page - ELAN Microelectronics Corp

Back Button EM73C63 Datasheet HTML 16Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 17Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 18Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 19Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 20Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 21Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 22Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 23Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 24Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
20
* This specification are subject to be changed without notice.
8.11.2000
EM73C63
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
Preliminary
EI
: Enable interrupt Flip-Flop may promit or inhibit all interrupt sources, when inter-
rupt occurs, EI is auto cleared to "0", after RTI instruction is executed, EI is auto
set to "1" again.
Priority checker
: Check interrupt priority when multiple interrupts occur.
INTERRUPT OPERATION
The procedure of interrupt operation:
1. Push PC and all flags to stack.
2. Set interrupt entry address into PC.
3. Set SF= 1.
4. Clear EI to inhibit other interrupts occur.
5. Clear the IL with which interrupt source has already been accepted.
6. Excute interrupt subroutine from the interrupt entry address.
7. CPU accept RTI, restore PC and flags from stack. Set EI to accept other interrupt requests.
PROGRAM EXAMPLE: To enable interrupt of "INT0, TRGA"
LDIA #0100B;
EXAE; set mask register "1100b"
EICIL 010111B ; enable interrupt F.F. and clear IL3 and IL5
LCD DRIVER
It can directly drive the liquid crystal display ( LCD ) and has 40 segments, 16 commons output pins or 8 commons
by music option. There are total 40x16 or 40x8 dots can be display.
(1) LCD driver command register:
Port27 3210
Initial value: 0000
LDC
*
*
LCD DISPLAY CONTROL
LDC
Function description
0
0
LCD display disable
0
1
Blanking
1
0
no function
1
1
LCD display enable
* : Don't care.
P27 is the LCD driver command register. The initial value is 0000.
When LDC ( bit2 and bit3 of P27 ) is set to "00", the LCD display is disabled.
When LDC is set to "01", the LCD is blanking, the COM pins are inactive and the SEG pins
output the display data continuously.
When LDC is set to "11", the LCD display is enabled.
Under stop mode. LDC will be reset to "00".
(2) LCD display data area:
The LCD display data is stored in the display data area of the data memory ( RAM). The LCD display data
area is as illustrated below:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com