Electronic Components Datasheet Search
  English  ▼

X  

EM73C63 Datasheet(PDF) 1 Page - ELAN Microelectronics Corp

Part # EM73C63
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73C63 Datasheet(HTML) 1 Page - ELAN Microelectronics Corp

  EM73C63 Datasheet HTML 1Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 2Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 3Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 4Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 5Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 6Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 7Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 8Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
1
* This specification are subject to be changed without notice.
EM73C63
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
Preliminary
8.11.2000
GENERAL DESCRIPTION
EM73C63 is an advanced single chip CMOS 4-bit micro-controller. It contains 32K-byte ROM, 500-nibble
RAM, 4-bit ALU, 13-level subroutine nesting, 22-stage time base, two 12-bit timer/counters for the kernel
function. EM73C63 is also equipped with 5 interrupt sources, 3 I/O ports (including 1 input port and 2 bidirection
ports),LCDdisplay(40x16),built-insoundgenerator.
It's low power consumption and high speed feature are further strengten with DUAL, SLOW, IDLE and STOP
operation mode for optimized power saving.
FEATURES
• Operation voltage
: 2.4V to 5.5V.
• Clock source
: Dual clock system. Low-frequency oscillator is Crystal or RC oscillator (32KHz,
connect a external resistor) by mask option and high-frequency oscillator is RC
oscillator (connect a external resistor and a capacitor).
External clock and internal clock is available by mask option.
• Oscillation frequency : 480K, 1M, 2M and 4M Hz are both available for high frequency clock by mask option.
• Instruction set
: 107 powerful instructions.
• Instruction cycle time : Up to 2 µs for 4 MHz (high speed clock).
244 µs for 32768 Hz (low speed clock).
• ROMcapacity
: 32768X8bits.
• RAMcapacity
: 500 X 4 bits.
• Input port
: 1 port (P0.0-P0.3), IDEL/STOP releasing function is available by mask option.(each
input pin has a pull-up and pull-down resistor available by mask option).
• Bidirection port
: 2 ports (P4, P8). P4.0 and SOUND are available by mask option. IDEL/STOP
releasing function for P8(0..3) is available by mask option.
• 12-bit timer/counter
: Two 12-bit timer/counters are programmable for timer, event counter and pulse width
measurement mode.
• Built-in time base counter : 22 stages.
• Subroutinenesting
: Upto13levels.
• Interrupt
: External . .. . . . 2 input interrupt sources.
Internal . . . . . . 2 Timer overflow interrupts.
1 Time base interrupt.
• LCD driver
: 40 X 16 dots, 1/16 duty, 1/5 bias with voltage multiplier.
• Sound effect
: Tone generator, random generator and volume control.
• Power saving function: SLOW, IDLE, STOP operation modes.
• Package type
: Chip form 84 pins, PLCC 84 pins.


Similar Part No. - EM73C63

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM73201 EMC-EM73201 Datasheet
204Kb / 30P
4-BIT MICRO-CONTROLLER FOR GENERAL PURPOSE PRODUCT
EM73201AP EMC-EM73201AP Datasheet
204Kb / 30P
4-BIT MICRO-CONTROLLER FOR GENERAL PURPOSE PRODUCT
EM73201BK EMC-EM73201BK Datasheet
204Kb / 30P
4-BIT MICRO-CONTROLLER FOR GENERAL PURPOSE PRODUCT
EM73201CP EMC-EM73201CP Datasheet
204Kb / 30P
4-BIT MICRO-CONTROLLER FOR GENERAL PURPOSE PRODUCT
logo
Emerging Memory & Logic...
EM7320FP16AS-10L EMLSI-EM7320FP16AS-10L Datasheet
188Kb / 11P
128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM73C63

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM73361A EMC-EM73361A Datasheet
290Kb / 33P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73461A EMC-EM73461A Datasheet
190Kb / 33P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73469A EMC-EM73469A Datasheet
188Kb / 33P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73866 EMC-EM73866 Datasheet
254Kb / 39P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73880 EMC-EM73880 Datasheet
222Kb / 40P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73963A EMC-EM73963A Datasheet
420Kb / 38P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73A83 EMC-EM73A83 Datasheet
216Kb / 40P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73A89B EMC-EM73A89B Datasheet
394Kb / 58P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73PA88A EMC-EM73PA88A Datasheet
410Kb / 45P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73MA89B EMC-EM73MA89B Datasheet
331Kb / 64P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com