Electronic Components Datasheet Search
  English  ▼

X  

EM73C63 Datasheet(PDF) 5 Page - ELAN Microelectronics Corp

Part # EM73C63
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73C63 Datasheet(HTML) 5 Page - ELAN Microelectronics Corp

  EM73C63 Datasheet HTML 1Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 2Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 3Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 4Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 5Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 6Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 7Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 8Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
5
* This specification are subject to be changed without notice.
EM73C63
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
Preliminary
8.11.2000
B
XA2
:
; - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - -
BANK 2
XB1 :
:
:
BXB
:
XB2 :
:
B
XB2
:
; - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - -
BANK 3
XC1 :
:
:
BXC
:
XC2 :
:
B
XC2
Fixed data can be read out by table-look-up instruction. Table-look-up instruction requires the Data point (DP)
to indicate the ROM address in obtaining the ROM code data (Except bank0) :
LDAX
Acc
←
←
←
←
← ROM[DP]
L
LDAXI
Acc
←
←
←
←
← ROM[DP]
H,DP+1
DP is a 12-bit data register that stores the program ROM address as pointer for the ROM code data.
User has to initially load ROM address into DP with instructions "STADPL", and "STADPM", "STADPH",
then to obtain the lower nibble of ROM code data by instruction "LDAX" and higher nibble data by instruction
"LDAXI".
PROGRAM EXAMPLE: Read out the ROM code of address 1777h by table-look-up instruction.
LDIA #07h;
STADPL
; [DP]
L ← 07h
STADPM
; [DP]
M ← 07h
STADPH
; [DP]
H ← 07h, Load DP=777h
:
OUT #00H, P3 ; Set in bank 1
LDL #00h;
LDH #03h;
LDAX
; ACC
← 6h
STAMI
; RAM[30]
← 6h
LDAXI
; ACC
← 5h
STAM
; RAM[31]
← 5h
;
ORG 1777h
DATA 56h;
DATA RAM ( 500-nibble )
A total 500 - nibble data RAM is available from address 000 to 1FFh
Data RAM includes the zero page region, stacks and data areas.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com