Electronic Components Datasheet Search
  English  ▼

X  

EM73C63 Datasheet(PDF) 6 Page - ELAN Microelectronics Corp

Part # EM73C63
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73C63 Datasheet(HTML) 6 Page - ELAN Microelectronics Corp

Back Button EM73C63 Datasheet HTML 2Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 3Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 4Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 5Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 6Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 7Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 8Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 9Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 10Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
6
* This specification are subject to be changed without notice.
8.11.2000
EM73C63
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
Preliminary
ZERO- PAGE:
From 000h to 00Fh is the zero-page location. It is used as the zero -page address mode pointer for the
instruction of "STD #k,y; ADD #k,y; CLR y,b; CMP k,y".
PROGRAM EXAMPLE: To write immediate data "07h" to RAM [03] and to clear bit 2 of RAM [0Eh].
STD #07h, 03h ; RAM[03]
← 07h
CLR 0Eh,2 ; RAM[0Eh]
2 ← 0
STACK:
There are 13 - level (maximum) stack levels that user can use for subroutine (including interrupt and CALL).
User can assign any level be the starting stack by providing the level number to stack pointer (SP) .
When an instruction (CALL or interrupt) is invoked, before enter the subroutine, the previous PC address
is saved into the stack until returned from those subroutines, the PC value is restored by the data saved
in stack.
DATA AREA:
Except the area used by user's application, the whole RAM can be used as data area for storing and loading
general data.
ADDRESSING MODE
The 500 nibble data memory consists of two banks (bank 0 and bank 1). There are 244x4 bits (address
000h~0F3h) in bank 0 and 256x4 bits (address 100h~1FFh) in bank 1.
Increment
Address
020h - 02Fh
0C0h - 0CFh
0D0h - 0DFh
0E0h - 0EFh
Level 0
Level 4
Level 8
Level 12
Level 1
Level 5
Level 9
Level 2
Level 6
Level 10
Level 3
Level 7
Level 11
Zero-page
000h - 00Fh
010h - 01Fh
0F0h - 0F3h
:
:
:
110h - 11Fh
1E0h - 1EFh
1F0h - 1FFh
100h - 10Fh
:
:
:
Bank 0
Bank 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com