Electronic Components Datasheet Search
  English  ▼

X  

EM73C63 Datasheet(PDF) 15 Page - ELAN Microelectronics Corp

Part # EM73C63
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73C63 Datasheet(HTML) 15 Page - ELAN Microelectronics Corp

Back Button EM73C63 Datasheet HTML 11Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 12Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 13Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 14Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 15Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 16Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 17Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 18Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 19Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
15
* This specification are subject to be changed without notice.
EM73C63
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
Preliminary
8.11.2000
P22
32
1
0
Initial value : 0000
*
SOM
SOM
Select operation mode
0 0 0
DUAL operation mode
1 * *
SLOW operation mode
P14
32
10
Initial value : *000
*
WKS
LFS CPUS
LFS
Low-frequency status
CPUS
CPU status
0
LXIN source is not stable
0
DUAL operation mode
1
LXIN source is stable
1
SLOW operation mode
WKS
Wakeup status
0
Wakeup not by internal timer
1
Wakeup by internal timer
Port14 is the status register for CPU. P14.0 (CPU status) and P14.1 (Low-frequency status) are read-only
bits. P14.2 (wakeup status) will be set as '1' when CPU is waked by internal timer. P14.2 will be cleared as
'0' when user out data to P14.
IDLE OPERATION MODE
The IDLE operation mode suspends all CPU functions except the low-frequency clock oscillation and the
LCD driver. It keeps the internal status with low power consumption without stopping the slow clock
oscillator and LCD display.
LCD display is available for the IDLE operation mode. Sound generator is disabled in this mode. The IDLE
operation mode will be wakeup and return to the SLOW operation mode by the internal timing generator or
I/O pins (P0(0..3)/WAKEUP 0..3 and P8(0..3)/WAKEUPA..D).
P19
32
10
Initial value : 0000
*
IDME
SIDR
IDME
Enable IDLE mode
SIDR
Select IDLE releasing condition
1
Enable IDLE mode
0 0
P0(0..3), P8(0..3) pin input
0
no function
0 1
P0(0..3), P8(0..3) pin input and 1 sec signal
1 0
P0(0..3), P8(0..3) pin input and 0.5 sec signal
1 1
P0(0..3), P8(0..3) pin input and 15.625 ms signal
STOP OPERATION MODE
The STOP operation mode suspends system operation and holds the internal status immediately before the
suspension with low power consumption. This mode will be released by reset or I/O pins (P0(0..3)/
WAKEUP 0..3 and P8(0..3)/WAKEUP A..D).
LCD display and sound generator are disabled in the STOP operation mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com