Electronic Components Datasheet Search
  English  ▼

X  

EM73C63 Datasheet(PDF) 3 Page - ELAN Microelectronics Corp

Part # EM73C63
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73C63 Datasheet(HTML) 3 Page - ELAN Microelectronics Corp

  EM73C63 Datasheet HTML 1Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 2Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 3Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 4Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 5Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 6Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 7Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 8Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
3
* This specification are subject to be changed without notice.
EM73C63
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
Preliminary
8.11.2000
P8.3(TRGA)/WAKEUPD
/STOP releasing function
mask option :
wakeup enable, push-pull
wakeup disable, push-pull
wakeup disable, open-drain
SOUND
Built-in sound effect output
VA, VB, VEE
LCD voltage multiplier connect pins
V1, V2, V3, V4, V5
LCD bias voltage connect pins
COM0~COM15
LCD common output pins
SEG0~SEG39
LCD segment output pins
TEST
Tie Vss as package type, no connecting as COB type.
FUNCTIONDESCRIPTIONS
PROGRAMROM(32KX8bits)
32Kx8bitsprogramROMcontainsuser'sprogramandsomefixeddata.
The basic structure of the program ROM may be categorized into 5 partitions.
1. Address 0000h: Reset start address.
2. Address 0002h - 000Ch : 5 kinds of interrupt service routine entry addresses .
3. Address 000Eh-0086h : SCALL subroutine entry address, only available at 000Eh,0016h,001Eh,0026h,
002Eh, 0036h, 003Eh, 0046h, 004Eh, 0056h, 005Eh, 0066h, 006Eh, 0076h, 007Eh,
0086h .
4. Address 0000h - 07FFh : LCALL subroutine entry address.
5. Address0000h-1FFFh:Exceptusedasabovefunction,theotherregioncanbeusedasuser'sprogramanddataregion.
address
Bank 0 :
Symbol
Pin-type
Function
Bank 6
Bank 7
.
.
.
SCALL, subroutine call entry address
Data table for
[LDAX],[LDAXI]
instruction
Subroutine call entry address
designated by [LCALL a]
instruction
Bank 1
Bank 2
Bank 3
Bank 4
Bank 5
Reset start address
INT0; interrupt service routine entry address
TRGA
TRGB
TBI
INT1
0000h
0002h
0004h
0006h
0008h
000Ah
000Ch
000Eh
0086h
07FFh
0800h
0FFFh
1000h
1FFFh
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com