Electronic Components Datasheet Search
  English  ▼

X  

EM73C63 Datasheet(PDF) 16 Page - ELAN Microelectronics Corp

Part # EM73C63
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73C63 Datasheet(HTML) 16 Page - ELAN Microelectronics Corp

Back Button EM73C63 Datasheet HTML 12Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 13Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 14Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 15Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 16Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 17Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 18Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 19Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 20Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
16
* This specification are subject to be changed without notice.
8.11.2000
EM73C63
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
Preliminary
P16
3
210
Initial value : 0000
*
SPME
SWWT
SPME
Enable STOP mode
SWWT
Set wake-up warm-up time
1
Enable STOP mode
0
0
218/CLK
0
no function
0
1
214/CLK
10
216/CLK
1
1
no function
TIME BASE INTERRUPT (TBI )
The time base can be used to generate a single fixed frequency interrupt . Eight types of frequencies can be
selected with the "P25" setting.
P25
3
2
1
0
i
nitial value : 0000
P25
DUAL operation mode
SLOW operation mode
0 0 x x
Interrupt disable
Interrupt disable
0 1 0 0
Interrupt frequency LXIN / 23 Hz
Reserved
0 1 0 1
Interrupt frequency LXIN / 24 Hz
Reserved
0 1 1 0
Interrupt frequency LXIN / 25 Hz
Reserved
0 1 1 1
Interrupt frequency LXIN / 214 Hz
Interrupt frequency LXIN / 214 Hz
1 1 0 0
Interrupt frequency LXIN / 21 Hz
Reserved
1 1 0 1
Interrupt frequency LXIN / 26 Hz
Interrupt frequency LXIN / 26 Hz
1 1 1 0
Interrupt frequency LXIN / 28 Hz
Interrupt frequency LXIN / 28 Hz
1 1 1 1
Interrupt frequency LXIN / 210 Hz
Interrupt frequency LXIN / 210 Hz
1 0 x x
Reserved
Reserved
TIMER / COUNTER ( TIMERA, TIMERB)
Timer/counters support three special functions:
1. Even counter
2. Timer.
3. Pulse-width measurement.
These three functions can be executed by 2 timer/counter independently.
With timerA, the counter data is saved in timer register TAH, TAM, TAL. User can set counter initial
value and read the counter value by instruction "LDATAH(M,L)" and "STATAH(M,L)". With timer B
register is TBH, TBM, TBL and the W/R instruction are "LDATBH (M,L)" and "STATBH (M,L)".
The basic structure of timer/counter is composed by two identical counter module , these two modules can
be set initial timer or counter value to the timer registers, P28 and P29 are the command registers for timerA
and timer B, user can choose different operation modes and internal clock rates by setting these two
registers. When timer/counter overflows, it will generate a TRGA(B) interrupt request to interrupt control
unit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com