Electronic Components Datasheet Search
  English  ▼

X  

EM73C63 Datasheet(PDF) 11 Page - ELAN Microelectronics Corp

Part # EM73C63
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73C63 Datasheet(HTML) 11 Page - ELAN Microelectronics Corp

Back Button EM73C63 Datasheet HTML 7Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 8Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 9Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 10Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 11Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 12Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 13Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 14Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 15Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
11
* This specification are subject to be changed without notice.
EM73C63
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
Preliminary
8.11.2000
ALU
The arithematic operation of 4 - bit data is performed in ALU unit . There are 2 flags that can be affected by
the result of ALU operation, ZF and SF . The operation of ALU is affected by CF only .
ALU STRUCTURE
ALU supported user arithematic operation functions, including Addition, Subtraction and Rotaion.
ALU FUNCTION
(1) Addition:
ALU supports addition function with instructions ADDAM, ADCAM, ADDM #k, ADD #k,y .... .
The addition operation affects CF and ZF. Under addition operation, if the result is "0", ZF will be "1",
otherwise, ZF will be "0", When the addition operation has a carry-out. CF will be "1", otherwise, CF will
be "0".
EXAMPLE:
Operation
Carry
Zero
3+4=7
0
0
7+F=6
1
0
0+0=0
0
1
8+8=0
1
1
(2) Subtraction:
ALU supports subtraction function with instructions SUBM #k, SUBA #k, SBCAM, DECM... . The
subtraction operation affects CF and ZF, Under subtraction operation, if the result is negative, CF will
be "0", and a borrow out, otherwise, if the result is positive, CF will be "1". For ZF, if the result of subtraction
operation is "0", the ZF is "1", likewise, ZF is "1".
EXAMPLE:
Operation
Carry
Zero
8-4=4
1
0
7-F= -8(1000)
0
0
9-9=0
1
1
ZF CF SF
ALU
DATA BUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com