Electronic Components Datasheet Search
  English  ▼

X  

EM73C63 Datasheet(PDF) 29 Page - ELAN Microelectronics Corp

Part # EM73C63
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73C63 Datasheet(HTML) 29 Page - ELAN Microelectronics Corp

Back Button EM73C63 Datasheet HTML 25Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 26Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 27Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 28Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 29Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 30Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 31Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 32Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 33Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
29
* This specification are subject to be changed without notice.
EM73C63
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
Preliminary
8.11.2000
RECOMMANDED OPERATING CONDITIONS
Items
Sym.
Ratings
Condition
Supply Voltage
V
DD
2.4V to 3.6V
Input Voltage
V
IH
0.90xV
DD to VDD
V
IL
0V to 0.10xV
DD
Operating Frequency
F
C
480K to 4MHz
CLK (RC osc)
Fs
32KHz
LXIN,LXOUT (crystal/RC osc)
DC ELECTRICAL CHARACTERISTICS (V
DD=3±0.3V, VSS=0V, TOPR=25
oC)
Parameters
Sym.
Min.
Typ.
Max.
Unit
Conditions
Supply current
I
DD
-
0.9
2
mA
V
DD=3.3V,no load,NORMAL mode,Fs=32KHz
Fc=4MHz (RC osc : R=6.2K
Ω, C=20pF)
-25
40
µA
V
DD=3.3V, no load, SLOW mode, Fs=32KHz
LCD on
-6
10
µA
V
DD=3.3V,IDLE mode,LCD off
-
0.1
1
µA
V
DD=3.3V, STOP mode
Hysteresis voltage
V
HYS+
0.50V
DD
-
0.75V
DD
V
RESET, P0, P8
V
HYS-
0.20V
DD
-
0.40V
DD
V
Input current
I
IH
-
-
±1
µA
P0, RESET, V
DD=3.3V, VIH=3.3/0V
-
-
±1
µA
Open-drain, V
DD=3.3V, VIH=3.3/0V
I
IL
-
-250
-500
µA
Push-pull, V
DD=3.3V ,VIL=0.4V, except P4
Output voltage
V
OH
2.4
-
-
V
Push-pull, P4(high current PMOS), SOUND,
V
DD=2.7V, IOH= -1.57mA
2.0
2.4
-
V
Push-pull, P4(low current PMOS), P8,
V
DD=2.7V, IOH= -166µA
V
OL
-
0.15
0.3
V
V
DD=2.7V, IOL=1.5mA
Leakage current
I
LO
-
-
1
µA
Open-drain, V
DD=3.3V, VO=3.3V
Input resistor
R
IN
100
200
300
K
Ω
P0
300
600
900
K
Ω
RESET
Frequency stability
-
15
-
%
Fc=4MHz, RC osc,[F(3V)-F(2.4V)]/F(3V)
Frequency variation
-
20
-
%
Fc=4MHz, V
DD=3V,RC osc,
[F(typical)-F(worse case)]/F(typical)
ABSOLUTE MAXIMUM RATINGS
Items
Sym.
Ratings
Conditions
Supply Voltage
V
DD
-0.5V to 6V
Input Voltage
V
IN
-0.5V to V
DD+0.5V
Output Voltage
V
O
-0.5V to V
DD+0.5V
Power Dissipation
P
D
300mW
T
OPR=50
oC
Operating Temperature
T
OPR
0oC to 50oC
Storage Temperature
T
STG
-55oC to 125oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com