Electronic Components Datasheet Search
  English  ▼

X  

EM73C63 Datasheet(PDF) 4 Page - ELAN Microelectronics Corp

Part # EM73C63
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73C63 Datasheet(HTML) 4 Page - ELAN Microelectronics Corp

  EM73C63 Datasheet HTML 1Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 2Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 3Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 4Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 5Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 6Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 7Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 8Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
4
* This specification are subject to be changed without notice.
8.11.2000
EM73C63
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
Preliminary
User'sprogramandfixeddataarestoredintheprogramROM.User'sprogramisexecutedusingthePCvaluetofetchan
instructioncode.
The32Kx8bitsprogramROMcanbedividedinto8banks.Thereare4Kx8bitsperbank.
The program ROM bank is selected by P3(2..0). The program counter is a 13-bit binary counter. The PC
and P3 are initialized to "0" during reset.
When P3(2..0)=000B, the bank0 and bank1 of program ROM will be selected. P3(2..0)=001B, the bank0 and
bank2 will be selected, and so on.
Address
P3=x000B P3=x001B
P3=x010B
P3=X011B
P3=X100B P3=X101B P3=X110B
0000h
:
:
Bank0
Bank0
Bank0
Bank0
Bank0
Bank0
Bank0
0FFFh
1000h
:
:
Bank1
Bank2
Bank3
Bank4
Bank5
Bank6
Bank7
1FFFh
PROGRAM EXAMPLE:
BANK 0
START:
:
:
:
LDIA
#00H
; set program ROM to bank1
OUTA P3
B
XA1
:
XA :
:
:
LDIA
#01H
; set program ROM to bank2
OUTA P3
B
XB1
:
XB :
:
:
LDIA
#02H
; set program ROM to bank3
OUTA P3
B
XC1
:
XC :
:
:
BXD
XD :
:
:
:
; - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - -
BANK 1
XA1 :
:
:
BXA
:
XA2 :
:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com