Electronic Components Datasheet Search
  English  ▼

X  

EM73C63 Datasheet(PDF) 19 Page - ELAN Microelectronics Corp

Part # EM73C63
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73C63 Datasheet(HTML) 19 Page - ELAN Microelectronics Corp

Back Button EM73C63 Datasheet HTML 15Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 16Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 17Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 18Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 19Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 20Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 21Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 22Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 23Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
19
* This specification are subject to be changed without notice.
EM73C63
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
Preliminary
8.11.2000
Under the pulse width measurement mode, the counter is incresed at the rising edge of internal pulse during
external timer/counter input (P8.1/TRGB, P8.3/TRGA ) in high level, interrupt request is generated as soon as
timer/counter count overflow.
Internal pulse
TimerB(TimerA) value
n
n+1
n+2
n+3
n+4
n+5
P8.1/TRGB(P8.3/TRGA)
PROGRAM EXAMPLE: Enable timerA by pulse width measurement mode .
LDIA #1100b;
OUTA P28; Enable timerA with pulse width measurement mode.
INTERRUPT FUNCTION
Five interrupt sources are available, 2 from external interrupt sources and 3 from internal interrupt sources
. Multiple interrupts are admitted according to their priority .
Type
Interrupt source
Priority
Interrupt
Interrupt
Program ROM
Latch
Enable condition
entry address
External External interrupt(INT0)
1
IL5
EI=1
002h
Internal
Reserved
2
IL4
EI=1, MASK3=1
004h
Internal
TimerA overflow interrupt (TRGA) 3
IL3
EI=1, MASK2=1
006h
Internal
TimerB overflow interrupt (TRGB) 4
IL2
EI=1, MASK1=1
008h
Internal
Time base interrupt(TBI)
5
IL1
00Ah
External External interrupt(INT1)
6
IL0
EI=1,MASK0=1
00Ch
INTERRUPT STRUCTURE
Interrupt controller:
IL0-IL5
: Interrupt latch . Hold all interrupt requests from all interrupt sources. IL's can not
be set by program, but can be reset by program or system reset, so IL can only
decide which interrupt source can be accepted.
MASK0-MASK3
: Except for INT0 ,MASK register may promit or inhibit all interrupt sources.
Reset by system reset and program
instruction
MASK0 MASK1 MASK1 MASK2 MASK3
IL0
INT1
r0
IL1
TBI
r1
IL2
r2
IL3
TRGA
r3
IL4
r4
IL5
INT0
r5
Priority checker
EI
Entry address generator
Interrupt request
Interrupt entry address
Reset by system reset and program
instruction
Set by program instruction
TRGB
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com