Electronic Components Datasheet Search
  English  ▼

X  

EM73C63 Datasheet(PDF) 28 Page - ELAN Microelectronics Corp

Part # EM73C63
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73C63 Datasheet(HTML) 28 Page - ELAN Microelectronics Corp

Back Button EM73C63 Datasheet HTML 24Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 25Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 26Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 27Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 28Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 29Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 30Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 31Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 32Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
28
* This specification are subject to be changed without notice.
8.11.2000
EM73C63
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
Preliminary
EM73C63 I/O PORT DESCRIPTION :
Port
Input function
Output function
Note
0
E
Input port , wakeup function
1--
--
2--
--
3
--
I
P3(0..2) : ROM bank selection
4
E
Input port
E
Output port, P4.0/SOUND
5--
--
6--
--
7--
--
8
E
Input port, wakeup function,
E
Output port
external interrupt input
9
--
I
P9.3 : RAM bank selection
10
--
--
11
--
--
12
--
--
13
--
--
14
I
CPU status register
--
15
--
--
16
I
STOP mode control register
17
I
Sound effect volume control register
18
--
19
I
IDLE mode control register
20
--
21
I
DUAL/SLOW mode control register
22
I
Slow/Normal mode control register
23
I
Sound effect frequency register
low nibble
24
I
Sound effect frequency register
high nibble
25
I
Timebase control register
26
I
LCD common start address register
27
I
LCD control register
28
I
Timer/counter A control register
29
I
Timer/counter B control register
30
I
Sound effect command register
31
--



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com