Electronic Components Datasheet Search
  English  ▼

X  

EM73C63 Datasheet(PDF) 10 Page - ELAN Microelectronics Corp

Part # EM73C63
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73C63 Datasheet(HTML) 10 Page - ELAN Microelectronics Corp

Back Button EM73C63 Datasheet HTML 6Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 7Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 8Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 9Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 10Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 11Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 12Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 13Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 14Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
10
* This specification are subject to be changed without notice.
8.11.2000
EM73C63
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
Preliminary
ACCUMULATOR
Accumulator(ACC) is a 4-bit data register for temporary data storage. For the arithematic, logic and
comparative opertion.., ACC plays a role which holds the source data and result .
FLAGS
PROGRAM EXAMPLE:
Check following arithematic operation for CF, ZF, SF
CF
ZF
SF
LDIA #00h;
-
1
1
LDIA #03h;
-
0
1
ADDA #05h;
-
0
1
ADDA #0Dh;
-
0
0
ADDA #0Eh;
-
0
0
There are three kinds of flag, CF ( Carry flag ), ZF ( Zero flag ) and SF ( Status flag ), these three 1-bit flags
are included by the arithematic, logic and comparative .... operation .
All flags will be put into stack when an interrupt subroutine is served, and the flags will be restored after
RTI instruction is executed .
(1) Carry Flag ( CF )
The carry flag is affected by the following operations:
a. Addition : CF as a carry out indicator, under addition operation, when a carry-out occures, the CF is "1",
likewise, if the operation has no carry-out, the CF is "0".
b. Subtraction : CF as a borrow-in indicator, under subtraction operation, when a borrow occures, the CF
is "0", likewise, if there is no borrow-in, the CF is "1".
c. Comparision: CF as a borrow-in indicator for Comparision operation as in the subtraction operation.
d. Rotation: CF shifts into the empty bit of accumulator for the rotation and holds the shift out data after
rotation.
e. CF test instruction : Under TFCFC instruction, the CF content is sent into SF then clear itself as "0".
Under TTSFC instruction, the CF content is sent into SF then set itself as "1".
(2) Zero Flag ( ZF )
ZF is affected by the result of ALU, if the ALU operation generates a "0" result, the ZF is "1",
likewise, the ZF is "0".
(3) Status Flag ( SF )
The SF is affected by instruction operation and system status .
a. SF is initiated to "1" for reset condition .
b. Branch instruction is decided by SF, when SF=1, branch condition is satisified, likewise,
when SF = 0, branch condition is unsatisified .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com