Electronic Components Datasheet Search
  English  ▼

X  

EM73C63 Datasheet(PDF) 27 Page - ELAN Microelectronics Corp

Part # EM73C63
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73C63 Datasheet(HTML) 27 Page - ELAN Microelectronics Corp

Back Button EM73C63 Datasheet HTML 23Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 24Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 25Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 26Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 27Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 28Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 29Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 30Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 31Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
27
* This specification are subject to be changed without notice.
EM73C63
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
Preliminary
8.11.2000
APPLICATIONCIRCUIT
P0.0
P0.1
P0.2
SOUND
P4.0/SOUND
RESET
VSS
VA
VB
VEE
V5
V4
V3
V2
V1
LXOUT
LXIN
CLK
20P
32.768KHz
all 0.1µF
0.1µF
0.1µF
0.1µF
SEG0~
SEG39
COM0~
COM15
LCD PANNEL
VDD
VDD
EM73C63
Buzzer
RESET
3V
20P
VDD
5.6K
Ω
20P
VDD
Note : This application circuit (RC) is designed for fc=4MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com