Electronic Components Datasheet Search
  English  ▼

X  

EM73C63 Datasheet(PDF) 23 Page - ELAN Microelectronics Corp

Part # EM73C63
Description  4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73C63 Datasheet(HTML) 23 Page - ELAN Microelectronics Corp

Back Button EM73C63 Datasheet HTML 19Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 20Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 21Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 22Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 23Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 24Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 25Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 26Page - ELAN Microelectronics Corp EM73C63 Datasheet HTML 27Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
23
* This specification are subject to be changed without notice.
EM73C63
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
Preliminary
8.11.2000
(3) LCD waveform : (1/5 bias)
Although there are two LCD waveform types, but for the reason of the number of voltage transition point in type
A is greater than type B, So type B gets a better display performance.
: ON
: OFF
COM0
COM0
COM1
COM7
SEG0
SEG0-COM0
V5
V4
V3
V2
V1
Vss
COM0
V5
V4
V3
V2
V1
Vss
COM1
SEG0
ON
SEG0-COM0
ON
SEG0-COM1
OFF
SEG0-COM1
OFF
Frame freq.=64Hz
Frame freq.
=64Hz
* TYPE A :
* TYPE B :
S
E
G
0
(4) LCD bias resistor :
There are high and low resistance choices for LCD bias resistor. To choose low bias resistor will take more power
but get a better display performance.
(5) LCD bias supply :
The LCD bias voltage can be supplied by VDD or voltage multiplier, when the operating voltage of LCD panel
and VDD are the same, the LCD bias voltage pin (V5) connects to VDD directly.
VDD
VSS
VA
VB
VEE
V5
V4
V3
V2
V1
VDD - VLCD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com