Electronic Components Datasheet Search
  English  ▼

X  

78P156 Datasheet(PDF) 26 Page - ELAN Microelectronics Corp

Part # 78P156
Description  8-bit microprocessor with low-power and high-speed CMOS technology
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

78P156 Datasheet(HTML) 26 Page - ELAN Microelectronics Corp

Back Button 78P156 Datasheet HTML 20Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 21Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 22Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 23Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 24Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 25Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 26Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 27Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 28Page - ELAN Microelectronics Corp  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
* This specification is subject to be changed without notice. 8.11.1999
B3-26
EM78P156E
VIII. DC ELECTRICAL CHARACTERISTIC (Ta=0
°C ~ 70°C, V
DD=5.0V±5%, VSS=0V)
Parameter
Sym.
Condition
Min.
Typ.
Max.
Unit
XTAL : VDD to 3V
Fxt
Two cycles with two clocks
DC
12.0
MHz
XTAL : VDD to 5V
Fxt
DC
18.0
MHz
ERC : VDD to 5V
F
RC
R : 5.1K
Ω , C : 100pF
F
±20%
760
F
±20% KHz
IRC : VDD to 5V
F
RC
R : 50K
Ω
F
±20%
4
F
±20% MHz
Input Leakage Current
I
IL
V
IN = VDD, VSS
±1
µA
for input pins
Input High Voltage
V
IH
Ports 5, 6
2.0
V
Input Low Voltage
V
IL
Ports 5, 6
0.8
V
Input High Threshold Voltage
V
IHT
/RESET, TCC
2.0
V
Input Low Threshold Voltage
V
ILT
/RESET, TCC
0.8
V
Clock Input High Voltage
V
IHX
OSCI
3.5
V
Clock Input Low Voltage
V
ILX
OSCI
1.5
V
Output High Voltage
V
OH1
I
OH = -12mA
2.4
V
(Port 5,6)
Output Low Voltage
V
OL1
I
OL = 10.5mA
0.4
V
(P50~P53,P62~P67)
Output Low Voltage
V
OL2
I
OL = 12mA
0.4
V
(P60,P61)
Pull-high current
I
PH
Pull-high active, input pin at V
SS
-50
-70
-240
µA
Pull-down current
I
PD
Pull-down active, input pin at V
DD
25
50
120
µA
Power-down current
I
SB1
All input and I/O pins at V
DD, output
1
µA
pin floating, WDT disabled
Power-down current
I
SB2
All input and I/O pins at V
DD, output
10
µA
pin floating, WDT enabled
Operating supply current
I
CC1
/RESET='High', Fosc=32KHz(Crystal
(V
DD=3V)
type, CLKS="0"), output pin floating,
15
15
30
µA
at two cycles/two clocks
WDT disabled
Operating supply current
I
CC2
/RESET='High', Fosc=32KHz(Crystal
(V
DD=3V)
type,CLKS="0"), output pin floating,
20
35
µA
at two cycles/two clocks
WDT enabled
Operating supply current
I
CC3
/RESET='High', Fosc=4MHz (Crystal
(V
DD=5V)
type,CLKS="0"), output pin floating
1.6
mA
at two cycles/two clocks
WDT enable
Operating supply current
I
CC4
/RESET='High', Fosc=10MHz (Crystal
(V
DD=5V)
type,CLKS="0"), output pin floating
4
mA
at two cycles/two clocks
WDT enable
Items
Sym.
Condition
Rating
Temperature under bias
T
OPR
0
°C to 70°C
Storage temperature
T
STR
-65
°C to 150°C
Input voltage
V
IN
-0.3V to +6.0V
Output voltage
V
O
-0.3V to +6.0V
VII. ABSOLUTE MAXIMUM RATINGS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com