Electronic Components Datasheet Search
  English  ▼

X  

78P156 Datasheet(PDF) 16 Page - ELAN Microelectronics Corp

Part # 78P156
Description  8-bit microprocessor with low-power and high-speed CMOS technology
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

78P156 Datasheet(HTML) 16 Page - ELAN Microelectronics Corp

Back Button 78P156 Datasheet HTML 12Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 13Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 14Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 15Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 16Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 17Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 18Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 19Page - ELAN Microelectronics Corp 78P156 Datasheet HTML 20Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
* This specification is subject to be changed without notice. 8.11.1999
B3-16
EM78P156E
Table 5 The status of T and P being affected by events
Event
T
P
Power-on
1
1
WDTC instruction
1
1
WDT time-out
0
*P
SLEP instruction
1
0
Wake-up on pin changed during SLEEP mode
1
0
Fig. 9 Block diagram of Reset of controller
VI.6 Interrupt
EM78P156E has three falling edge interrupts listed below :
(1) TCC overflow interrupt
(2) Port 6 input status changed interrupt
(3) External interrupt [(P60//INT) pin].
Before Port 6 input status changed interrupt being enabled, reading Port 6 (e.g. “MOV R6,R6”) is necessary.
Each pin of Port 6 can have this feature if its status changed. Any pin configured as output or P60 pin configured
as /INT is excluded from this function. The Port 6 input status changed interrupt can wake up the EM78P156E from the
sleep mode if it is enabled prior to going into the sleep mode by executing SLEP. When waking up, the controller will
continue to execute the succesive address if the global interrupt is disabled or branch to the interrupt vector 008H if the
global interrupt is enabled.
RF is the interrupt status register, which records the interrupt requests in the relative flags/bits. IOCF is an
interrupt mask register. The global interrupt is enabled by the ENI instruction and is disabled by the DISI
instruction. When one of the interrupts (when enabled) occurs, the next instruction will be fetched from address
VDD
DQ
CLK
CLR
CLK
RESET
18 ms
WDT
Oscillator
Power-on
Reset
WDTE
WDT Timeout
/RESET
M
U
X
Voltage
Detector
1
0
/Enable
CODE
Option
*P: Previous value before reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com